Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63205 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP63205
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63205 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP63205 Datasheet HTML 1Page - Diodes Incorporated AP63205 Datasheet HTML 2Page - Diodes Incorporated AP63205 Datasheet HTML 3Page - Diodes Incorporated AP63205 Datasheet HTML 4Page - Diodes Incorporated AP63205 Datasheet HTML 5Page - Diodes Incorporated AP63205 Datasheet HTML 6Page - Diodes Incorporated AP63205 Datasheet HTML 7Page - Diodes Incorporated AP63205 Datasheet HTML 8Page - Diodes Incorporated AP63205 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Typical Application Circuit
AP63205
L
4.7µH
C3
100nF
C2
2x22
μF
C1
10
μF
3
VIN
2
EN
5
SW
6
BST
1
FB
4
GND
OUTPUT
VOUT
5V
INPUT
Figure 1. Typical Application Circuit
Figure 2. Efficiency vs. Output Current
Pin Descriptions
Pin Number
Pin Name
Function
1
FB
Feedback sensing terminal for the output voltage. Connect this pin to the resistive divider of the output.
See Setting the Output Voltage section for more details.
2
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator and low
to turn it off. Attach to VIN or leave open for automatic startup. The EN has a precision threshold of 1.18V for
programing the UVLO. See Enable section for more details.
3
VIN
Power Input. VIN supplies the power to the IC, as well as the step-down converter switches. Drive VIN with a
3.8V to 32V power source. Bypass VIN to GND with a suitably large capacitor to eliminate noise due to the
switching of the IC. See Input Capacitor section for more details.
4
GND
Power Ground.
5
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC filter
from SW to the output load. Note that a capacitor is required from SW to BST to power the high-side switch.
6
BST
High-Side Gate Drive Boost Input. BST supplies the drive for the high-side N-Channel MOSFET. A 100nF
capacitor is recommended from SW to BST to power the high-side switch.
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
2 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com