Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP65211A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP65211A
Description  LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65211A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP65211A Datasheet HTML 1Page - Diodes Incorporated AP65211A Datasheet HTML 2Page - Diodes Incorporated AP65211A Datasheet HTML 3Page - Diodes Incorporated AP65211A Datasheet HTML 4Page - Diodes Incorporated AP65211A Datasheet HTML 5Page - Diodes Incorporated AP65211A Datasheet HTML 6Page - Diodes Incorporated AP65211A Datasheet HTML 7Page - Diodes Incorporated AP65211A Datasheet HTML 8Page - Diodes Incorporated AP65211A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP65211A
Document number: DS39744 Rev. 1 - 2
2 of 13
www.diodes.com
June 2017
© Diodes Incorporated
AP65211A
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
Ground
2
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC filter
from SW to the output load. Note that a capacitor is required from SW to BS to power the high-side switch.
3
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches. Drive IN with a 4.5V to
18V power source. Bypass IN to GND with a suitably large capacitor to eliminate noise on the input to the IC. See
Input Capacitor.
4
FB
Feedback Input. FB senses the output voltage and regulates it. Drive FB with a resistive voltage divider
connected to it from the output voltage. The feedback threshold is 0.8V. See Setting the Output Voltage.
5
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator; low to
turn it off. Attach to IN with a 100kΩ pull up resistor for automatic startup.
6
BST
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel MOSFET a 0.01µF or
greater capacitor from SW to BS to power the high side switch.
Functional Block Diagram
Internal
Reference
0.4V
0.8V
1.1V
VCC
Regulator
+
-
+
-
+
-
-
+
1.1V
0.4V
+
0.8V
Internal SS
Error
Amplifier
OVP
PWM
Comparator
Oscillator
500kHz
+
Logic
Ref
OCP
62pF
650k
1pF
SE = 0.9V/T
RT = 0.22V/A
UVP
HS
LS
4
5
EN
FB
1
GND
2
SW
6
BST
3
IN
Figure 2. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com