Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP65355 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP65355
Description  650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65355 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP65355 Datasheet HTML 1Page - Diodes Incorporated AP65355 Datasheet HTML 2Page - Diodes Incorporated AP65355 Datasheet HTML 3Page - Diodes Incorporated AP65355 Datasheet HTML 4Page - Diodes Incorporated AP65355 Datasheet HTML 5Page - Diodes Incorporated AP65355 Datasheet HTML 6Page - Diodes Incorporated AP65355 Datasheet HTML 7Page - Diodes Incorporated AP65355 Datasheet HTML 8Page - Diodes Incorporated AP65355 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP65355
Document number: DS37875 Rev. 2 - 2
3 of 15
www.diodes.com
May 2017
© Diodes Incorporated
AP65355
Functional Block Diagram
Internal
Reference
-
+
+
Digital Control
Logic
Ref
5V
SS
OCP
Min Off
Time
S
R
Q
+
Se
On Time
Compute
VIN
Q
One Shot
SW
Frequency
Lock Loop
Vcc
Regulator
SS
SW
UVLO
Logic
Control
5V
0.9x
Ref
Soft Start
SS
EN
1
SS
4
FB
2
PG
5
PGND
11
SW
6,7
BST
8
VREG5
3
VIN
9,10
Figure 2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com