Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP65403 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP65403
Description  LIGHT LOAD IMPROVED 4A, 750kHz SYNCH DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65403 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP65403 Datasheet HTML 7Page - Diodes Incorporated AP65403 Datasheet HTML 8Page - Diodes Incorporated AP65403 Datasheet HTML 9Page - Diodes Incorporated AP65403 Datasheet HTML 10Page - Diodes Incorporated AP65403 Datasheet HTML 11Page - Diodes Incorporated AP65403 Datasheet HTML 12Page - Diodes Incorporated AP65403 Datasheet HTML 13Page - Diodes Incorporated AP65403 Datasheet HTML 14Page - Diodes Incorporated AP65403 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP65403
Document number: DS37126 Rev. 1 - 2
13 of 15
www.diodes.com
March 2014
© Diodes Incorporated
AP65403
Ordering Information
Part Number
Package Code
Part Marking
Identification Code
Tape and Reel
Quantity
Part Number Suffix
AP65403SP-13
SP
SO-8EP
NA
2500
-13
Marking Information
SO-8EP
( Top View )
AP65403
YY WW X
Logo
Part No
5
8
4
1
E
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
represents 52 and 53 week
E : SO-8EP Blank SO-8
X
X : Internal Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com