Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA033FP Datasheet(PDF) 2 Page - Rohm

Part # BA033FP
Description  Low saturation voltage type 3-pin regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA033FP Datasheet(HTML) 2 Page - Rohm

  BA033FP Datasheet HTML 1Page - Rohm BA033FP Datasheet HTML 2Page - Rohm BA033FP Datasheet HTML 3Page - Rohm BA033FP Datasheet HTML 4Page - Rohm BA033FP Datasheet HTML 5Page - Rohm BA033FP Datasheet HTML 6Page - Rohm BA033FP Datasheet HTML 7Page - Rohm BA033FP Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BAOOT / BAOOFP series
Regulator ICs
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
∗1 Reduced by 16mW for each increase in Ta of 1
°C over 25°C
∗3 Voltage application time : 200 msec. or less
∗2 Reduced by 8mW for each increase in Ta of 1
°C over 25°C
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
35
V
Power
dissipation
TO220FP
Pd
2000 ∗1
mW
TO252 - 3
1000 ∗2
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
Peak applied voltage
Vsurge
50 ∗3
V
-40~+85
-55~+150
!
!
!
!
Recommended operating conditions
BA03T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
4
-
25
V
Output current
Io
-
-
1
A
BA033T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
4.3
-
25
V
Output current
Io
-
-
1
A
BA05T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
6
-
25
V
Output current
Io
-
-
1
A
BA06T / FP (under development)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
7
-
25
V
Output current
Io
-
-
1
A
BA07T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
8
-
25
V
Output current
Io
-
-
1
A
BA08T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
9
-
25
V
Io
-
-
1
A
Output current
BA09T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
10-25
V
Output current
Io
-
-
1
A
BA10T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
11-25
V
Output current
Io
-
-
1
A
BA12T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
13-25
V
Output current
Io
-
-
1
A
BA15T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
16-25
V
Output current
Io
-
-
1
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com