Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

824BP2/1-2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 824BP2/1-2
Description  8 Bit Programmable 2-Pole Pair Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

824BP2/1-2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  824BP2/1-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 824BP2/1-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 824BP2/1-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 824BP2/1-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 824BP2/1-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 824BP2/1-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 824BP2/1-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
824BP Series
Pin-Out and Package Data
Ordering Information
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-824BP-01
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
4
Specification
(25°C and Vs ±15Vdc)
DC Offset Adjustment
± Vs
- Vs
20 k
W
(Cermet)
Do not connect
if trim is not
required.
OS
Analog Input Characteristics1
Impedance
10 k
W min.
Voltage Range
± 10 Vpeak
Max. Safe Voltage
±Vs
Analog Output Characteristics
Impedance (Closed Loop)
11
W typ.
10
W max.
Linear Operating Range
±10V
Maximum Current
2
±2 mA
Offset Voltage
3
22 mV typ.
20 mV max.
Offset Temp. Coeff.
50
mV/°C
Power Supply (
±V)
Rated Voltage
±15 Vdc
Operating Range
±12 to ±18 Vdc
Maximum Safe Voltage
±18 Vdc
Quiescent Current
±13 mA typ.
±20 mA max.
Temperature
Operating
-20 to +70°C
Storage
-25 to +85°C
Notes:
1. Input and output signal voltage referenced to supply common.
2. Output is short circuit protected to common.
DO NOT CONNECT TO ±Vs.
3. Adjustable to zero.
4. Units operate with or without offset pin connected.
824BP2/10-3
Model
Tuning
Minimum
Number
Range (Hz)
Step(Hz)
Case
2
1.0 to 256
1.0
G-3
3
10 to 2560
10
G-1
4
100 to 25.6k
100
G-1
Model
Ordering Information
Side View
+Vs
OUT
-Vs
D
D
D
D
GND
D
D
D
D
IN
2.00
0.4
2.00
Bottom View
G-1
0.15 min.
0.025 Dia.
Os
4
5
3
2
1
0
6
7
4
G-3
0.5
All dimensions are in inches
All Case Dimensions ± 0.02"
Grid Dimensions 0.1" x 0.1"
Filter Mounting Assembly-See FMA-02A
Pin-Out & Package Data
“Q”
1, 2, 5, 10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com