Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002T Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # 2N7002T
Description  N-Channel Plastic- Encapsulate MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

2N7002T Datasheet(HTML) 1 Page - SEC Electronics Inc.

  2N7002T Datasheet HTML 1Page - SEC Electronics Inc. 2N7002T Datasheet HTML 2Page - SEC Electronics Inc. 2N7002T Datasheet HTML 3Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N7002T
115mA, 60V, RDS(ON) 5
N-Channel Plastic-Encapsulate MOSFETS
Elektronische Bauelemente
12-Jun-2018 Rev. D
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Density Cell Design for Low RDS(ON)
Voltage Controlled Small Signal Switch
Rugged and Reliable
High Saturation Current Capability
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
MARKING
*Solid dot=Green molding compound device, if none, the normal device.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
ORDER INFORMATION
MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Drain Current
ID
115
mA
Power Dissipation
PD
150
mW
Thermal Resistance from Junction-Ambient
RθJA
833
°C/W
Operating Junction Temperature Range
TJ
150
°C
Operating Storage Temperature Range
TSTG
-55~150
°C
Part Number
Type
2N7002T
Lead (Pb)-free
2N7002T-C
Lead (Pb)-free and Halogen-free
1
Gate
2
Source
3
Drain
SOT-523
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.7
0.9
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.35
M
0.25
0.35
․
․
․
․=Solid dot


Similar Part No. - 2N7002T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002T DIODES-2N7002T Datasheet
85Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30301 Rev. 2 - 2
2N7002T DIODES-2N7002T Datasheet
447Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30301 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
2N7002T BILIN-2N7002T Datasheet
189Kb / 4P
Small Signal MOSFET Transistor
logo
TRANSYS Electronics Lim...
2N7002T TEL-2N7002T Datasheet
156Kb / 2P
Plastic-Encapsulated Transistors
logo
Fairchild Semiconductor
2N7002T FAIRCHILD-2N7002T Datasheet
333Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - 2N7002T

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
logo
ACE Technology Co., LTD...
ACE122004KC ACE-ACE122004KC Datasheet
189Kb / 3P
Dual N-Channel Plastic-Encapsulate MOSFETS
VER 1.1
ACE13019B ACE-ACE13019B Datasheet
439Kb / 5P
N-Channel Plastic-Encapsulate MOSFETS
VER 1.1
logo
Shenzhen Luguang Electr...
2SK3018 LUGUANG-2SK3018 Datasheet
1Mb / 5P
SOT-323 Plastic-Encapsulate N-channel MOSFETS
Revision:20220701-P1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com