Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPDA.03.032H21 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # LPDA.03.032H21
Description  Engager External Wide Band Directional LPDA Antenna
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LPDA.03.032H21 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  LPDA.03.032H21 Datasheet HTML 1Page - Taoglas antenna solutions LPDA.03.032H21 Datasheet HTML 2Page - Taoglas antenna solutions LPDA.03.032H21 Datasheet HTML 3Page - Taoglas antenna solutions LPDA.03.032H21 Datasheet HTML 4Page - Taoglas antenna solutions LPDA.03.032H21 Datasheet HTML 5Page - Taoglas antenna solutions LPDA.03.032H21 Datasheet HTML 6Page - Taoglas antenna solutions LPDA.03.032H21 Datasheet HTML 7Page - Taoglas antenna solutions LPDA.03.032H21 Datasheet HTML 8Page - Taoglas antenna solutions LPDA.03.032H21 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Draft Specification – Subject to Change
DSP-16-8-019/A
Page 3 of 17
2.Specification
ELECTRICAL
Operation
Frequency
(MHz)
LTE 700
GSM 900
DCS
PCS
UMTS
HSPA
Wi-Fi
LTE 2600
LTE 3500
Wi-Fi
698-960
1710-1990
1755-2170
2400-2500
2500-2700
3400-3600
5700-5900
Return Loss
(dB)
-10
-10
-10
-10
-10
-6
-6
Efficiency (%)
75
65
65
55
50
40
25
Peak Gain
(dBi)
7
7
7
6
5.5
5
2.5
Max VSWR
2:1
2:1
2:1
2:1
2:1
3:1
3:1
Radiation
Properties
Directional
Polarization
Linear
Impedance
50Ω
Max input
Power (Watts)
10
MECHANICAL
Dimension
520*630*42mm without Bracket
520*770*95mm with Bracket
Material
Body: PC Coated UV Stabilized ABS
Bracket: Black Powder Coated 316 Stainless
Connector
SMA(M)
Weight
819g with Bracket
430g without Bracket
Cable Type
300mm RG-174
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 105°C
Humidity
Non-condensing 65°C 95% RH
Wind Resistance
Up to 200km/h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com