Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPDA.05.032H21 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # LPDA.05.032H21
Description  LPDA.05 Engager External Wide Band Directional LPDA Antenna
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LPDA.05.032H21 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  LPDA.05.032H21 Datasheet HTML 1Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 2Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 3Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 4Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 5Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 6Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 7Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 8Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Draft Specification – Subject to Change
DSP-16-8-063/A
Page 1 of 16
DRAFT SPECIFICATION
Part No.
:
LPDA.05.032H21
Description
: LPDA.05 Engager External Wide Band
Directional LPDA Antenna
Features
: Frequency: 600-6000MHz
Peak Gain: 8dBi
Dims: 520*630*42mm
Dims with bracket: 520*770*95mm
Cable Length: 300mm
Connector: SMA(M)
RoHS Compliant


Similar Part No. - LPDA.05.032H21

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
LPDA.05.032H21 TAOGLAS-LPDA.05.032H21 Datasheet
1Mb / 16P
RoHS Compliant
More results

Similar Description - LPDA.05.032H21

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LPDA-8003 TDK-LPDA-8003 Datasheet
259Kb / 2P
LPDA-8003 Log Periodic Dipole Antenna
logo
Pulse A Technitrol Comp...
W1043 PULSE-W1043 Datasheet
617Kb / 2P
Wireless External Dual Band Antenna
W1028B PULSE-W1028B Datasheet
1Mb / 2P
Wireless External Dual Band Antenna
logo
Laird Tech Smart Techno...
S54717P LSTD-S54717P Datasheet
923Kb / 1P
Wide-Band Panel Antenna
logo
Taoglas antenna solutio...
LPDA03032111 TAOGLAS-LPDA03032111 Datasheet
1Mb / 17P
Engager External Wide Band Directional LPDA Antenna
LPDA05032111 TAOGLAS-LPDA05032111 Datasheet
1Mb / 16P
LPDA.05 Engager External Wide Band Directional LPDA Antenna
LPDA.02.032111 TAOGLAS-LPDA.02.032111 Datasheet
1Mb / 14P
LPDA.02 Engager External Wide Band Directional LPDA Antenna
LPDA.03.032H21 TAOGLAS-LPDA.03.032H21_18 Datasheet
1Mb / 17P
Engager External Wide Band Directional LPDA Antenna
logo
TE Connectivity Ltd
2321811-1 TEC-2321811-1 Datasheet
398Kb / 2P
DUAL BAND DIRECTIONAL PATCH ANTENNA
logo
Maxtena Inc.
MEA-915-SM MAXTENA-MEA-915-SM Datasheet
457Kb / 3P
External 915MHz ISM Band Antenna
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com