Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6300AGSO8B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A6300AGSO8B
Description  High Efficiency Linear Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6300AGSO8B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A6300AGSO8B Datasheet HTML 1Page - List of Unclassifed Manufacturers A6300AGSO8B Datasheet HTML 2Page - List of Unclassifed Manufacturers A6300AGSO8B Datasheet HTML 3Page - List of Unclassifed Manufacturers A6300AGSO8B Datasheet HTML 4Page - List of Unclassifed Manufacturers A6300AGSO8B Datasheet HTML 5Page - List of Unclassifed Manufacturers A6300AGSO8B Datasheet HTML 6Page - List of Unclassifed Manufacturers A6300AGSO8B Datasheet HTML 7Page - List of Unclassifed Manufacturers A6300AGSO8B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
EM MICROELECTRONIC-MARIN SA
A6300
High Efficiency Linear Power Supply with
Power Surveillance and Time-out
Features
Supply voltage monitoring
Highly accurate 5 V, 100 mA guaranteed output
Low dropout voltage, typically 380 mV at 100 mA
Low quiescent current, typically 100 µA
Standby mode, maximum current 310 µA (with
100 µA load on OUTPUT)
Unregulated DC input can withstand –20 V reverse
battery and + 60 V power transients
Fully operational for unregulated DC input voltage
up to 26 V and regulated output voltage down to 1 V
Reset output guaranteed for regulated output voltage
down to 1 V
No reverse output current
Very low temperature coefficient for the regulated output
Current limiting
Clear microprocessor restart after power up
Push-pull or Open drain output
-40 to +85 °C temperature range
DIP8 and SO8 packages
Description
The A6300 offers a high level of integration by combining
voltage regulation and voltage monitoring. The voltage
regulator has a low dropout ( typ. 380 mV at 100 mA )
and a low quiescent current (100 µA). The quiescent
current increases only slightly in dropout prolonging
battery life. Built-in protection includes a positive transient
absorber for up to 60 V (load dump) and the ability to
survive an unregulated input voltage of –20 V (reverse
battery). The INPUT may be connected to
ground or a
reverse voltage without
reverse current flow from the
OUTPUT to the INPUT. Upon the OUTPUT voltage rising
above V
TH, the
reset output, whether RES or RES, will
remain active (RES = 1, RES = 0) for an additional time
of 50 ms. This allows the system voltage and the
oscillator of the microprocessor to stabilize before they
becomes fully active. When V
OUTPUT
falls below V
TH, the
reset output goes active. Threshold voltage can be
obtained in different versions: 2 V, 2.4 V, 2.8 V, 3.5 V, 4 V.
Applications
White / brown goods
Industrial electronics
Automotive electronics
Cellular telephones
Security systems
Battery powered products
High efficiency linear power supplies
Typical Operating Configuration
Pin Assignment
DIP8/ SO8
OUTPUT
Fig. 2
N.C.
N.C.
INPUT
A6300
RES or RES
V
SS
N.C.
N.C.
5 V
Fig. 1
RES
V
SS
INPUT OUTPUT
A6300
Unregulated
Voltage
V
SS
Regulated
Voltage
For Open drain version:


Similar Part No. - A6300AGSO8B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE3R-XXA AITSEMI-A6300AE3R-XXA Datasheet
759Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE3VR-XXA AITSEMI-A6300AE3VR-XXA Datasheet
759Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE5R-XXA AITSEMI-A6300AE5R-XXA Datasheet
759Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE5VR-XXA AITSEMI-A6300AE5VR-XXA Datasheet
759Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results

Similar Description - A6300AGSO8B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6130 ETC1-A6130 Datasheet
500Kb / 14P
High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
A6150 ETC1-A6150 Datasheet
324Kb / 14P
High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6155 ETC1-A6155 Datasheet
462Kb / 15P
High Efficiency Linear Power Supply
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
DPA120100-ST-SZ CUI-DPA120100-ST-SZ Datasheet
464Kb / 7P
linear power supply
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com