Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX08M Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VCX08M
Description  Low Voltage Quad 2-Input AND Gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX08M Datasheet(HTML) 2 Page - ON Semiconductor

  74VCX08M Datasheet HTML 1Page - ON Semiconductor 74VCX08M Datasheet HTML 2Page - ON Semiconductor 74VCX08M Datasheet HTML 3Page - ON Semiconductor 74VCX08M Datasheet HTML 4Page - ON Semiconductor 74VCX08M Datasheet HTML 5Page - ON Semiconductor 74VCX08M Datasheet HTML 6Page - ON Semiconductor 74VCX08M Datasheet HTML 7Page - ON Semiconductor 74VCX08M Datasheet HTML 8Page - ON Semiconductor 74VCX08M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VCX08 Rev. 1.9.1
74VCX08
Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant
Inputs and Outputs
Features
■ 1.2V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD:
– 2.8ns max. for 3.0V to 3.6V VCC
■ Power-off high impedance inputs and outputs
■ Static Drive (IOH/IOL)
– ±24mA @ 3.0V VCC
■
circuitry
■ Latchup performance exceeds 300mA
■ ESD performance:
– Human body model > 2000V
– Machine model > 250V
■ Leadless DQFN package
General Description
The VCX08 contains four 2-input AND gates. This prod-
uct is designed for low voltage (1.2V to 3.6V) VCC appli-
cations with I/O compatibility up to 3.6V.
The VCX08 is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Ordering Information
Note:
1. DQFN package available in Tape and Reel only.
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VCX08M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VCX08BQX(1)
MLP14A
14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN),
JEDEC MO-241, 2.5 x 3.0mm
74VCX08MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
Uses proprietary Quiet Series™ noise/EMI reduction
December 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com