Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX08M Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VCX08M
Description  Low Voltage Quad 2-Input AND Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX08M Datasheet(HTML) 2 Page - ON Semiconductor

  74VCX08M Datasheet HTML 1Page - ON Semiconductor 74VCX08M Datasheet HTML 2Page - ON Semiconductor 74VCX08M Datasheet HTML 3Page - ON Semiconductor 74VCX08M Datasheet HTML 4Page - ON Semiconductor 74VCX08M Datasheet HTML 5Page - ON Semiconductor 74VCX08M Datasheet HTML 6Page - ON Semiconductor 74VCX08M Datasheet HTML 7Page - ON Semiconductor 74VCX08M Datasheet HTML 8Page - ON Semiconductor 74VCX08M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2013 Fairchild Semiconductor Corporation
DS500163
www.fairchildsemi.com
July 1999
Revised December 2013
74VCX86
Low Voltage Quad 2-Input Exclusive-OR Gate with
3.6V Tolerant Inputs and Outputs
General Description
The VCX86 contains four 2-input exclusive OR gates. This
product is designed for low voltage (1.2V to 3.6V) VCC
applications with I/O compatibility up to 3.6V
The 74VCX86 is fabricated with an advanced CMOS tech-
nology to achieve high-speed operation while maintaining
low CMOS power dissipation.
Features
■ 1.2V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD
3.0 ns max for 3.0V to 3.6V VCC
■ Power-off high impedance inputs and outputs
■ Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
■ Latchup performance exceeds JEDEC 78 conditions
■ ESD performance:
Human body model
! 2000V
Machine model
! 250V
■ Leadless Pb-Free DQFN package
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: DQFN package available in Tape and Reel only.
Order Number Package Number
Package Description
74VCX86M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VCX86BQX
(Note 1)
MLP014A
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74VCX86MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
■ Uses proprietary noise/EMI reduction circuitr



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com