Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6300AGSO8A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A6300AGSO8A
Description  High Efficiency Linear Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6300AGSO8A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A6300AGSO8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6300AGSO8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6300AGSO8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6300AGSO8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6300AGSO8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6300AGSO8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6300AGSO8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6300AGSO8A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
A6300
Electrical Characteristics
VINPUT = 6.0 V, CL = 10 µF + 100 nF, CINPUT = 22 µF, TJ = -40 to +85 °C, unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Min.
25°C
Typ.
Max.
25°C
Max.
Unit
Supply current
ISS
Reset output open, IL = 100 µA
100
310
µA
Supply current 1)
ISS
Reset output open, IL = 100 mA
at VINPUT = 8.0 V
1.7
4.2
mA
Output voltage
VOUTPUT
IL = 100 µA
4.88
5.12
V
Output voltage
VOUTPUT
100 µA ≤ IL ≤ 100 mA,
-40 °C ≤ TJ ≤+125 °C
4.85
5.15
V
Output voltage temperature
coefficient 2)
Vth(coeff)
50
180 ppm/°C
Line regulation 3)
VLINE
6 V ≤ VINPUT ≤26 V, IL = 1 mA,
TJ = +125 °C0.2
0.5
%
Load regulation 3)
VL
100 µA ≤ IL ≤ 100 mA
0.2
0.6
%
Dropout voltage 4)
VDROPOUT IL = 100 µA
40
170
mV
Dropout voltage 4)
VDROPOUT IL = 100 mA
380
mV
Dropout voltage 4)
VDROPOUT IL = 100 mA,
-40 °C ≤ TJ ≤+125 °C
650
mV
Dropout supply current
ISS
VINPUT = 4.5 V, IL = 100 µA 8)
1.2
1.6
mA
Thermal regulation 5)
Vthr
TJ = +25 °C, IL = 50 mA,
VINPUT = 26 V, T = 10 ms
0.05
0.25
%/W
Current limit
ILmax
OUTPUT tied to VSS
450
mA
OUTPUT noise, 10Hz to
100 kHz
VNOISE
200
µVrms
Threshold voltage
VTH
Version: AA, AG, AM
1.77
1.84
1.95
2.04
2.17
V
VTH
Version: AB, AH, AN
2.09
2.18
2.32
2.41
2.55
V
VTH
Version: AC, AI, AO
2.48
2.59
2.73
2.86
3.03
V
VTH
Version: AD, AJ, AP
3.11
3.23
3.42
3.59
3.80
V
VTH
Version: AE, AK, AQ
3.55
3.70
3.88
4.08
4.32
V
Threshold hysteresis
VHYS
25
mV
RES Output Low Level
VOL
VOUTPUT = 5 V, IOL = 8 mA
175
400
mV
VOL
VOUTPUT = 3 V, IOL = 4 mA
140
300
mV
VOL
VOUTPUT = 1 V, IOL = 50 µA20
90
mV
RES Output High Level 7)
VOH
VOUTPUT = 5 V, IOH =- 8 mA
4.3
4.5
V
VOH
VOUTPUT = 3 V, IOH = -4 mA
2.3
2.6
V
VOH
VOUTPUT = 1 V, IOH = -100 µA
850
950
mV
Leakage current 6)
ILEAK
VOUTPUT = 5 V
0.05
1
µA
Table 3
1) If INPUT is connected to V
SS , no reverse current will flow from the OUTPUT to the INPUT, however the supply current specified
will be sank by the OUTPUT to supply the A6300.
2) The OUTPUT voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
3) Regulation is measured at constant junction temperature using pulse testing with a low duty cycle. Changes in OUTPUT voltage
due to heating effects are covered in the specification for thermal regulation.
4) The dropout voltage is defined as the INPUT to OUTPUT differential, measured with the input voltage equal to 5.0 V.
5) Thermal regulation is defined as the change in OUTPUT voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects.
6) Only for open drain versions.
7) For push-pull output only
8) Reset output open



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com