Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTV080 Datasheet(PDF) 1 Page - GHz Technology

Part # UTV080
Description  8 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

UTV080 Datasheet(HTML) 1 Page - GHz Technology

  UTV080 Datasheet HTML 1Page - GHz Technology UTV080 Datasheet HTML 2Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE
THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE
PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
UTV080
8 Watts, 26.5 Volts, Class A
UHF Television - Band IV & V
GENERAL DESCRIPTION
CASE OUTLINE
The UTV 080 is a COMMON EMITTER transistor capable of providing 8
Watt Peak, Class A, RF Output Power over the band 470 - 860 MHz. The
transistor includes double input prematching for full broadband capability.
Gold Metalization and Diffused Ballasting are used to provide high reliability
and supreme ruggedness.
55JV, STYLE 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
65 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
50 Volts
BVceo
Collector to Emitter Voltage
28 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
2.5 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 150 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Power Input
Vcc = 26.5 Volts
1.0
Watts
Pg
IMD
1
VSWR
1
Power Out - Pk Sync
F = 470 - 860 MHz
8
Watts
Power Gain
Ic = 1.7 Amps
9
10
dB
Intermodulation Distortion
Pref = 8 Watts
-58
dB
Load Mismatch Tolerance
F = 860 MHz
3:1
LVceo
2
BVces
Collector to Base Breakdown
Ic = 20 mA
50
Volts
2
BVebo
2
h
FE
2
Cob
2
θjc
Collector to Emitter Breakdown
Ic = 60 mA
28
Volts
Emitter to Base Breakdown
Ie = 5 mA
3.5
Volts
Current Gain
Vce = 5 V, 500 mA
10
Output Capacitance
Vcb = 26 V, F = 1 MHz
pF
Thermal Resistance
Tc = 25 C
2.5
C/W
o
o
Note 1: F1=860 MHz, F2=863.5 MHz, F3=864.5 Mhz
European test method, Vision = - 8dB, Sideband= - 16dB, Sound = -7 dB
2: Per side
Initial Issue June, 1994


Similar Part No. - UTV080

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
UTV005 ASI-UTV005 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
GHz Technology
UTV005 GHZTECH-UTV005 Datasheet
383Kb / 3P
COMMON EMITTER transistor 0.5 Watt, 20 Volts, Class A UHF Television - Band IV & V
logo
Advanced Power Technolo...
UTV005P ADPOW-UTV005P Datasheet
187Kb / 2P
0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
logo
GHz Technology
UTV010 GHZTECH-UTV010 Datasheet
314Kb / 3P
1 Watt, 20 Volts, Class A UHF Television - Band IV & V
UTV020 GHZTECH-UTV020 Datasheet
292Kb / 2P
2 Watts, 25 Volts, Class A UHF Television - Band IV & V
More results

Similar Description - UTV080

ManufacturerPart #DatasheetDescription
logo
GHz Technology
UTV020 GHZTECH-UTV020 Datasheet
292Kb / 2P
2 Watts, 25 Volts, Class A UHF Television - Band IV & V
UTV8100B GHZTECH-UTV8100B Datasheet
304Kb / 3P
100 Watts Pk, 28 Volt, Class AB UHF Television - Band IV & V
UTV010 GHZTECH-UTV010 Datasheet
314Kb / 3P
1 Watt, 20 Volts, Class A UHF Television - Band IV & V
UTV040 GHZTECH-UTV040 Datasheet
282Kb / 2P
4 Watts, 25 Volts, Class A UHF Television - Band IV & V
UTV100B GHZTECH-UTV100B Datasheet
234Kb / 2P
100 Watts Pk, 28 Volt, Class AB UHF Television - Band IV & V
logo
Advanced Power Technolo...
UTV005P ADPOW-UTV005P Datasheet
187Kb / 2P
0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
logo
GHz Technology
UTV120 GHZTECH-UTV120 Datasheet
265Kb / 3P
12 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
UTV005 GHZTECH-UTV005 Datasheet
383Kb / 3P
COMMON EMITTER transistor 0.5 Watt, 20 Volts, Class A UHF Television - Band IV & V
UTV200 GHZTECH-UTV200 Datasheet
265Kb / 3P
COMMON EMITTER transistor 20 Watts, 26.5 Volts, Class A UHF Television - Band IV & V
logo
New Jersey Semi-Conduct...
UTV040 NJSEMI-UTV040 Datasheet
86Kb / 1P
4 Watts, 25 Volts, Class A UHF Television - Band IV & V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com