Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2102-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF2102-C
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF2102-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF2102-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF2102-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF2102-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF2102-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSF2102-C
2.1A, 20V, RDS(ON) 60 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
02-Jan-2018 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
VGS(th)
0.5
-
1.2
V
VDS=VGS, ID=250µA
Forward Transconductance
gfs
-
9
-
S
VDS=5V, ID=3A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±8V, VDS=0
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=20V, VGS=0, TJ=25°C
-
-
10
VDS=20V, VGS=0, TJ=55°C
Static Drain-Source On-Resistance
4
RDS(ON)
-
-
60
m
VGS=4.5V, ID=3.6A
-
-
80
VGS=2.5V, ID=3.1A
Total Gate Charge
Qg
-
6.2
-
nC
ID=3A
VDS=15V
VGS=4.5V
Gate-Source Charge
Qgs
-
0.36
-
Gate-Drain Change
Qgd
-
1.56
-
Turn-on Delay Time
Td(on)
-
1.4
-
nS
VDS=10V
VGS=4.5V
RG=3.3
ID=3A
Rise Time
Tr
-
40
-
Turn-off Delay Time
Td(off)
-
17
-
Fall Time
Tf
-
5.6
-
Input Capacitance
Ciss
-
382
-
pF
VGS=0
VDS=15V
f =1.0MHz
Output Capacitance
Coss
-
41
-
Reverse Transfer Capacitance
Crss
-
33
-
Source-Drain Diode
Continuous Source Current (Body Diode)
1
IS
-
-
2.1
A
Pulsed Source Current
3
ISM
-
-
8
A
Forward On Voltage
4
VSD
-
-
1.2
V
IS=0.94A, VGS=0
Reverse Recovery Time
Trr
-
5.7
-
ns
IS=3A, VGS=0V
dI/dt=100A/µs
Reverse Recovery Charge
Qrr
-
1.8
-
nC
Notes:
1.
The data tested by surface mounted on a 1 inch
2 FR4 board with 2OZ copper.
2.
Surface mounted on FR4 board.
3.
Pulse width limited by Max. junction temperature.
4.
Pulse width
300
≦
µs, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com