Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM048NB06LCR Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM048NB06LCR
Description  N-Channel Power MOSFET 60V, 107A, 4.8m廓
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM048NB06LCR Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM048NB06LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM048NB06LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM048NB06LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM048NB06LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM048NB06LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM048NB06LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM048NB06LCR
Taiwan Semiconductor
1
Version: B1804
N-Channel Power MOSFET
60V, 107A, 4.8m
Ω
FEATURES
● Low R
DS(ON) to minimize conductive losses
● Logic level
● Low gate charge for fast power switching
● 100% UIS and R
g tested.
● 175°C Operating Junction Temperature
● Compliant to RoHS directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● BLDC Motor Control
● Battery Power Management
● DC-DC converter
● Secondary Synchronous Rectification
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
60
V
RDS(on) (max)
VGS = 10V
4.8
m
Ω
VGS = 4.5V
6.8
Qg
52
nC
PDFN56
Note: MSL 1 (Moisture Sensitivity Level) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
107
A
TA = 25°C
16
Pulsed Drain Current
IDM
428
A
Single Pulse Avalanche Current
(Note 2)
IAS
35
A
Single Pulse Avalanche Energy
(Note 2)
EAS
184
mJ
Total Power Dissipation
TC = 25°C
PD
136
W
TC = 125°C
45
Total Power Dissipation
TA = 25°C
PD
3.1
W
TA = 125°C
1
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +175
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
1.1
°C/W
Junction to Ambient Thermal Resistance
RӨJA
48
°C/W
Thermal Performance Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design. The RӨJA limit presented here is based on mounting on a 1 in
2 pad of 2 oz copper.


Similar Part No. - TSM048NB06LCR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM040N03CPROG TSC-TSM040N03CPROG Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CSRLG TSC-TSM042N03CSRLG Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM043NH04LCR TSC-TSM043NH04LCR Datasheet
611Kb / 7P
Power Transistor
B2207
More results

Similar Description - TSM048NB06LCR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
logo
Tak Cheong Electronics ...
TFF50N06 TAK_CHEONG-TFF50N06 Datasheet
309Kb / 8P
N-Channel Power MOSFET 28A, 60V, 0.023廓
TFP50N06 TAK_CHEONG-TFP50N06 Datasheet
327Kb / 8P
N-Channel Power MOSFET 50A, 60V, 0.023廓
TFP70N06 TAK_CHEONG-TFP70N06 Datasheet
326Kb / 8P
N-Channel Power MOSFET 70A, 60V, 0.014廓
logo
Taiwan Semiconductor Co...
TSM130NB06CR TSC-TSM130NB06CR Datasheet
311Kb / 6P
N-Channel Power MOSFET 60V, 51A, 13m廓
TSM130NB06LCR TSC-TSM130NB06LCR Datasheet
303Kb / 6P
N-Channel Power MOSFET 60V, 51A, 13m廓
TSM220NB06CR TSC-TSM220NB06CR Datasheet
309Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
TSM220NB06LCR TSC-TSM220NB06LCR Datasheet
314Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
TSM280NB06LCR TSC-TSM280NB06LCR Datasheet
312Kb / 6P
N-Channel Power MOSFET 60V, 28A, 28m廓
TSM300NB06CR TSC-TSM300NB06CR Datasheet
384Kb / 6P
N-Channel Power MOSFET 60V, 27A, 30m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com