Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWP5 Datasheet(PDF) 21 Page - IXYS Corporation

Part # DWP5
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWP5 Datasheet(HTML) 21 Page - IXYS Corporation

Back Button DWP5 Datasheet HTML 14Page - IXYS Corporation DWP5 Datasheet HTML 15Page - IXYS Corporation DWP5 Datasheet HTML 16Page - IXYS Corporation DWP5 Datasheet HTML 17Page - IXYS Corporation DWP5 Datasheet HTML 18Page - IXYS Corporation DWP5 Datasheet HTML 19Page - IXYS Corporation DWP5 Datasheet HTML 20Page - IXYS Corporation DWP5 Datasheet HTML 21Page - IXYS Corporation DWP5 Datasheet HTML 22Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
33
© 2004 IXYS All rights reserved
Phase Control Thyristors
...-CG types
Type
Chips
Si-
per
thickn.
Wafer
FG
JL
M
mm
mm
mm
mm
mm
mm
CWP 7-CG
•
•
518
4.45
4.45
-
-
0.2
1.1
1.6
0.38
CWP 8
•
•
375
5.20
5.20
1.80
0.90
-
-
-
0.38
CWP 8-CG
•
375
5.20
5.20
1.80
0.90
0.2
1.1
1.6
0.32
CWP 35
•
•
125
8.70
8.70
1.80
1.00
-
-
-
0.38
CWP 16-CG
•
•
239
6.50
6.50
-
-
0.2
1.1
1.6
0.38
CWP 21-CG
•
•
196
7.10
7.10
-
-
0.2
1.1
1.6
0.38
CWP 22-CG
•
•
196
7.10
7.10
-
-
0.2
1.1
1.6
0.38
CWP 24
•
•
196
7.10
7.10
1.80
1.00
-
-
-
0.32
CWP 25-CG
•
•
196
7.10
7.10
-
-
0.2
1.1
1.6
0.32
CWP 41
•
•
94
10.00
10.00
2.30
1.50
-
-
-
0.38
CWP 50
•
•
74
13.00
9.77
2.30
1.50
-
-
-
0.38
CWP 55
•
•
58
12.30
12.30
2.30
1.50
-
-
-
0.38
CWP 71
•
•
50
13.40
13.40
2.30
1.50
-
-
-
0.38
CWP 130
•
•
29
19.05
15.40
3.46
2.50
-
-
-
0.38
CWP 180
•
•
20
20.55
17.65
3.50
2.50
-
-
-
0.38
CWP 341
•
16
25.30
18.50
3.50
2.50
-
-
-
0.38
CWP 347
•
13
23.40
23.40
3.50
2.50
-
-
-
0.38
CWP 69
•
50
13.40
13.40
2.30
1.50
-
-
-
0.46
CWP 339
•
16
18.50
25.30
3.50
2.50
-
-
-
0.46
CWP 345
•
13
23.40
23.40
3.50
2.50
-
-
-
0.46
Tolerance
-0.1
-0.1
-0.1
+0.1
-0.1
+0.1
+0.1
±5%
mm
Dimensions
mm
Corner Gate
AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com