Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK1826L-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK1826L-AE3-R
Description  BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1826L-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK1826L-AE3-R Datasheet HTML 1Page - Unisonic Technologies SK1826L-AE3-R Datasheet HTML 2Page - Unisonic Technologies SK1826L-AE3-R Datasheet HTML 3Page - Unisonic Technologies SK1826L-AE3-R Datasheet HTML 4Page - Unisonic Technologies SK1826L-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK1826
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R118-030.C
BIPOLAR LATCH TYPE HALL
EFFECT FOR
HIGH-TEMPERATURE
OPERATION
DESCRIPTION
The UTC SK1826 is a semiconductor integrated circuit utilizing
the Hall effect. It designed to operate in the alternating magnetic field
especially at low supply voltage and operation over extended
temperature ranges to +125°С.
This Hall IC is suitable for application to various kinds of
sensors, contact-less switches, such as Speed sensor, Position
sensor, Rotation sensor, Contact-less sensor, and Motor control.
FEATURES
* Wide Supply Voltage Range of 2.5V to 24V
* Wide Temperature Operation Range of -30°С ~+125°С
* Alternating Magnetic Field Operation
* Built-in Protection Diode
* TTL and MOS IC are Directly Drivable by the Output
* The life is Semi Permanent because it Employs Contact-Less Parts
SOT-23
(EIAJ SC-59)
2
1
3
SIP-3
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
SK1826L-AE3-R
SK1826G-AE3-R
SOT-23
I
O
G
Tape Reel
SK1826L-G03-B
SK1826G-G03-B
SIP-3
I
G
O
Tape Box
SK1826L-G03-K
SK1826G-G03-K
SIP-3
I
G
O
Bulk
Note: Pin Assignment: I: VCC
O:VOUT G:GND
MARKING
SIP-3
SOT-23


Similar Part No. - SK1826L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
170Kb / 2P
SMD Schottky Barrier Rectifier Diodes
logo
Inchange Semiconductor ...
SK1820D2 ISC-SK1820D2 Datasheet
233Kb / 2P
Schottky Barrier Rectifier
logo
Diotec Semiconductor
SK1820D2 DIOTEC-SK1820D2_17 Datasheet
170Kb / 2P
SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SK1826L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1812 UTC-SK1812 Datasheet
193Kb / 6P
BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816 Datasheet
262Kb / 7P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
U18 UTC-U18 Datasheet
240Kb / 6P
BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816_12 Datasheet
289Kb / 8P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
U18 UTC-U18_07 Datasheet
62Kb / 6P
BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
SK1816 UTC-SK1816_18 Datasheet
239Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816M UTC-SK1816M_18 Datasheet
217Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com