Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8105L-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UH8105L-AE3-R
Description  HALL EFFECT MICRO SWITCH IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8105L-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UH8105L-AE3-R Datasheet HTML 1Page - Unisonic Technologies UH8105L-AE3-R Datasheet HTML 2Page - Unisonic Technologies UH8105L-AE3-R Datasheet HTML 3Page - Unisonic Technologies UH8105L-AE3-R Datasheet HTML 4Page - Unisonic Technologies UH8105L-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UH8105
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-874.F
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Magnetic Flux Density
B
Unlimited
mT
Supply Voltage
VDD
5.5
V
Output Current
IO
1
mA
SIP-3
400
mW
Power Dissipation
SOT-23
PD
200
mW
Maximum Junction Temp
TJ
+150
°C
Operation Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
Conditions
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Operating
2.5
-
5.5
V
Ambient Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (V
DD=3V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VDD
Operating
2.5
5.5
V
Average
5
10
uA
Awake
1.2
2
mA
Supply Current
IDD
Sleep
2
8
uA
Output Leakage Current
IOFF
Vout = 5.5V, BRPN<B<BRPS
1
uA
Output Low Voltage
VOL
ISINK = 1mA
20
40
mV
Output High Voltage
VOH
VOUT-0.4V
V
Wake up Time
tAWAKE
60
uS
Period
tPERIOD
60
mS
Duty cycle
d.c.
0.1
%
MAGNETIC CHARACTERISTICS (V
DD=3V, 1mT=10Gauss, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BOPS
15
30
45
Operation Points
BOPN
-45
-30
-15
BRPS
10
20
40
Release Points
BRPN
-40
-20
-10
Hysteresis
Bhys
10
Gauss
A grade
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BOPS
15
25
35
Operation Points
BOPN
-35
-25
-15
BRPS
10
20
30
Release Points
BRPN
-30
-20
-10
Hysteresis
Bhys
10
Gauss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com