Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-12N-H Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESD-R-12N-H
Description  KEMET, ESD-R-H, EMI Cores, Commercial Grade
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-12N-H Datasheet(HTML) 1 Page - Kemet Corporation

  ESD-R-12N-H Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: ESD-R-12N-H
KEMET, ESD-R-H, EMI Cores, Commercial Grade
Dimensions
D
15mm MAX
D2
5mm +/-1.0mm
T
9mm MAX
Packaging Specifications
Packaging: Tray
Packaging Quantity: 2000
Weight: 2.6 g
General Information
Series: ESD-R-H
Style: Split-Core
Cable Type: Round Cable
Description: EMI Core Solid, For Round
Cables, Toroidal Cores
Features: High Heat Resistance, Cable
Holding Mechanism
RoHS: Yes
Qualifications: UL94V-0
Case Color: Black
Toroidal: ESD-R-12S
Materials: Ni-Zn
Specifications
Temperature Range: -40/+120C
Effective Frequency: 300 MHz (FM Band Range)
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 10/24/2018 - 09733f7d-178b-442a-9dcc-e27790a7848d


Similar Part No. - ESD-R-12N-H

ManufacturerPart #DatasheetDescription
logo
NEC
ESD-R-12C NEC-ESD-R-12C Datasheet
1Mb / 31P
EMI Core
logo
Kemet Corporation
ESD-R-12C KEMET-ESD-R-12C Datasheet
1Mb / 10P
Toroidal Cores
ESD-R-12C KEMET-ESD-R-12C Datasheet
54Kb / 1P
EMI Cores, Commercial Grade, ESD-R
logo
NEC
ESD-R-12C-2 NEC-ESD-R-12C-2 Datasheet
1Mb / 31P
EMI Core
logo
Kemet Corporation
ESD-R-12C-2 KEMET-ESD-R-12C-2 Datasheet
1Mb / 10P
Toroidal Cores
More results

Similar Description - ESD-R-12N-H

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-R-47N-H KEMET-ESD-R-47N-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-57M-H KEMET-ESD-R-57M-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-47M-H KEMET-ESD-R-47M-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-57N-H KEMET-ESD-R-57N-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-38N-H KEMET-ESD-R-38N-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-25M-H KEMET-ESD-R-25M-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-38M-H KEMET-ESD-R-38M-H Datasheet
57Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-19M-H KEMET-ESD-R-19M-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-25N-H KEMET-ESD-R-25N-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-19N-H KEMET-ESD-R-19N-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com