Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGS15-018CS Datasheet(PDF) 2 Page - IXYS Corporation

Part # DGS15-018CS
Description  Gallium Arsenide Schottky Rectifier Second generation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DGS15-018CS Datasheet(HTML) 2 Page - IXYS Corporation

  DGS15-018CS Datasheet HTML 1Page - IXYS Corporation DGS15-018CS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2005 IXYS All rights reserved
2 - 2
DGS
15-018CS
DGSK 32-018CS
IXYS reserves the right to change limits, Conditions and dimensions.
Fig. 1 typ. forward characteristics
Fig. 2 typ. junction capacity
versus blocking voltage
Fig. 3 typ. thermal impedance junction to case
Outlines TO-252 AA
Outlines TO-263 AB
1. Gate
2. Collector
3. Emitter
4. Collector
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.315
.350
E
9.65
10.29
.380
.405
E1
6.22
8.13
.245
.320
e
2.54 BSC
.100 BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.20
0
.008
R
0.46
0.74
.018
.029
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
2.19
2.38
0.086
0.094
A1
0.89
1.14
0.035
0.045
A2
0
0.13
0
0.005
b
0.64
0.89
0.025
0.035
b1
0.76
1.14
0.030
0.045
b2
5.21
5.46
0.205
0.215
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
D1
4.32
5.21
0.170
0.205
E
6.35
6.73
0.250
0.265
E1
4.32
5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40
10.42
0.370
0.410
L
0.51
1.02
0.020
0.040
L1
0.64
1.02
0.025
0.040
L2
0.89
1.27
0.035
0.050
L3
2.54
2.92
0.100
0.115
1 Anode
2 NC
3 Anode
4 Cathode
0.0
0.5
1.0
1.5
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
t
s
K/W
0.1
1
10
100
1000
10
100
C
J
I
F
A
V
F
V
R
V
pF
V
Z
thJC
T
VJ = 125°C
300
40
Single Pulse
T
VJ =
125°C
25°C
TO-252
TO-263
DGS15-018CS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com