Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP84244N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84244N
Description  TRI-STATE Drivers Which are Designed For Heavy Capacitive Load Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84244N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP84244N Datasheet HTML 1Page - National Semiconductor (TI) DP84244N Datasheet HTML 2Page - National Semiconductor (TI) DP84244N Datasheet HTML 3Page - National Semiconductor (TI) DP84244N Datasheet HTML 4Page - National Semiconductor (TI) DP84244N Datasheet HTML 5Page - National Semiconductor (TI) DP84244N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCC
70V
Logical ‘‘1’’ Input Voltage
70V
Logical ‘‘0’’ Input Voltage
b
15V
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation
Cavity Package
1150 mW
Molded Package
1300 mW
Lead Temperature (soldering 10 sec)
300 C
Operating Conditions
Min
Max
Units
VCC Supply Voltage
45
55
V
TA Ambient Temperature
0
a
70
C
Electrical Characteristics VCC e 5V g10% 0 s TA s 70 C (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN(1)
Logical ‘‘1’’ Input Voltage
20
V
VIN(0)
Logical ‘‘0’’ Input Voltage
08
V
IIN(1)
Logical ‘‘1’’ Input Current
VIN e 27V
01
20
m
A
VIN e 70V
100
m
A
IIN(0)
Logical ‘‘0’’ Input Current
0 s VIN s 04V
b
50
b
200
m
A
VCLAMP
Input Clamp Voltage
IIN eb18 mA
b
1
b
12
V
VOH
Logical ‘‘1’’ Output Voltage
IOH eb100 mAVCC–115
43
V
IOH eb1mA
VCC b15
39
VOL
Logical ‘‘0’’ Output Voltage
IOL e 10 mA
02
04
V
IOL e 12 mA
03
05
I1D
Logical ‘‘1’’ Drive Current
VOUT e 15V
b
75
b
250
mA
I0D
Logical ‘‘0’’ Drive Current
VOUT e 15V
a
100
a
150
mA
Hi-Z
TRI-STATE Output Current
04V s VOUT s 27V
b
100
a
100
m
A
ICC
Supply Current
All Outputs Open
DP84240
All Outputs High
16
50
All Outputs Low
74
125
All Outputs Hi-Z
80
125
DP84244
All Outputs High
40
75
mA
All Outputs Low
100
130
All Outputs Hi-Z
115
150
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
All currents into device pins shown as positive all currents out of device pins shown as negative all voltages referenced to ground unless otherwise noted
All values shown as max or min are on an absolute value basis
Note 3
Typical characteristics are taken at VCC e 50V and TA e 25 C
Note 4
The output-to-output skew is primarily a function of the number of outputs switching and the capacitive loading on those outputs See
Figures 5 and 6 for
the switching time variations
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com