Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5855 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5855
Description  HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5855 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5855 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5855 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5855
2004-5-18
3
Base current IC (A)
VCE – IB
2.4
0
0.4
0.8
1.2
2.0
1.6
7
5
6
Ic = 8 A
Common emitter
Tc = 100℃
0
8
6
2
4
10
Base current IB (A)
VCE – IB
0
8
6
2
4
10
6
Ic = 8 A
5
Common emitter
Tc =
−25℃
7
2.4
0
0.4
0.8
1.2
2.0
1.6
Collector current IC (A)
VCE (sat) – IC
100
1
10
0.1
0.01
10
1
Common emitter
Tc = 25℃
8
6
10
IC/IB = 4
Collector current IC (A)
VCE (sat) – IC
10
0.1
0.01
1
100
1
10
Common emitter
Tc = 100℃
8
6
10
IC/IB = 4
0.01
1
0.1
10
VCE(sat) – IC
Collector current IC (A)
1
10
100
8
6
10
IC/IB = 4
Common emitter
Tc =
−25℃
Base current IB (A)
VCE – IB
7
5
6
Ic = 8 A
0
8
6
2
4
10
2.4
0
0.4
0.8
1.2
2.0
1.6
Common emitter
Tc = 25℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com