Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSN318NE-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSN318NE-C
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSN318NE-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSN318NE-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSN318NE-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSN318NE-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSN318NE-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SS 318 E-C
0.25A , 50V, RDS(O ) 1.6Ω
-Channel Enhancement MOSFET
25-Oct-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
50V/250mA
RDS(ON)≦1.6 @VGS=4.5V
RDS(ON)≦2.2 @VGS=2.5V
RDS(ON)≦5 @VGS=1.8V
RDS(ON) 5 @V
GS=1.5V
Reliable and Rugged
Green Device Available
ESD Protection
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-723
8K
7 inch
ORDER INFORMATION
MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
50
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
0.25
Continuous Drain Current @VGS=4.5V
1
TA=85°C
ID
0.18
A
Pulsed Drain Current
2
IDM
1
A
Total Power Dissipation
TA=25°C
PD
150
mW
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Ratings
Thermal Resistance Junction-ambient
1
RθJA
833
°C / W
Part Number
Type
SSN318NE-C
Lead (Pb)-free and Halogen-free
SOT-723
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.150
1.250
F
0.170
0.270
B
0.750
0.850
G
0.270
0.370
C
-
0.500
H
0
0.050
D
1.150
1.250
I
-
0.150
E
0.800TYP.
318
1
1
1
1 GATE
2
2
2
2 SOURCE
3
3
3
3 DRAIN
Top View


Similar Part No. - SSN318NE-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSN3134K SECOS-SSN3134K Datasheet
407Kb / 3P
N-Channel Enhancement MOSFET
SSN3134K-C SECOS-SSN3134K-C Datasheet
515Kb / 4P
N-Channel Enhancement MOSFET
SSN3134K SECOS-SSN3134K_15 Datasheet
407Kb / 3P
N-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SSN3139K-C SECOS-SSN3139K-C Datasheet
504Kb / 4P
P-Channel Enhancement MOSFET
More results

Similar Description - SSN318NE-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com