Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4503J-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4503J-C
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4503J-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4503J-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4503J-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4503J-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4503J-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSG4503J-C
N-Ch: 6.9A, 30V, RDS(ON) 28m
P-Ch: -6.3A, -30V, RDS(ON) 36m
N & P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
31-Oct-2017 Rev. C
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
N-Ch ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Gate Threshold Voltage
VGS(th)
1
1.5
3
V
VDS=VGS, ID=250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=30V, VGS=0
Drain-Source On-Resistance
3
RDS(ON)
-
10
28
m
VGS=10V, ID=6A
-
14
42
VGS=4.5V, ID=4A
Forward Transfer conductance
gfs
4
-
-
S
VDS=10V, ID=6A
Diode Forward Voltage
3
VSD
-
-
1.2
V
VGS=0, IS=1.7A
Total Gate Charge
3
Qg
-
13.5
-
nC
VDS=24V
VGS=4.5V
ID=6A
Gate-Source Charge
Qgs
-
1.4
-
Gate-Drain Charge
Qgd
-
4.7
-
Turn-on Delay Time
3
Td(on)
-
5
-
nS
VDS=20V
VGS=10V
RD=20
RG=3.3
ID=1A
Rise Time
Tr
-
8
-
Turn-off Delay Time
Td(off)
-
18.5
-
Fall Time
Tf
-
9
-
Input Capacitance
Ciss
-
770
-
pF
VDS=25V
VGS=0
f=1MHz
Output Capacitance
Coss
-
80
-
Reverse Transfer Capacitance
Crss
-
75
-
P-Ch ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250µA
Gate Threshold Voltage
VGS(th)
-1
-1.7
-3
V
VDS=VGS, ID= -250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS= -30V, VGS=0
Drain-Source On-Resistance
3
RDS(ON)
-
16
36
m
VGS= -10V, ID= -6A
-
25
55
VGS= -4.5V, ID= -4A
Forward Transfer conductance
gfs
4
-
-
S
VDS= -10V, ID= -6A
Diode Forward Voltage
3
VSD
-
-
-1.2
V
VGS=0, IS= -1.7A
Total Gate Charge
3
Qg
-
20
-
nC
VDS= -24V
VGS= -4.5V
ID= -6A
Gate-Source Charge
Qgs
-
2
-
Gate-Drain Charge
Qgd
-
7
-
Turn-on Delay Time
3
Td(on)
-
8
-
nS
VDS= -15V
VGS= -10V
RD=15
RG=3.3
ID= -1A
Rise Time
Tr
-
7
-
Turn-off Delay Time
Td(off)
-
34
-
Fall Time
Tf
-
26
-
Input Capacitance
Ciss
-
1380
-
pF
VDS= -25V
VGS=0
f=1MHz
Output Capacitance
Coss
-
150
-
Reverse Transfer Capacitance
Crss
-
140
-
Notes:
1.
These tests are performed with infinite heat sink.
2.
Pulse width by Max. junction temperature.
3.
Pulse Test: Pulse width≤300µs, duty cycle ≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com