Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4835PR-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4835PR-C
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4835PR-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4835PR-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4835PR-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4835PR-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4835PR-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG4835PR-C
-8A, -30 V, RDS(O ) 21 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
20-Nov-2018 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25
°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID=-250uA
Gate Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS= VGS, ID= -250µA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS= 0V, VGS= ±20V
-
-
-1
µA
VDS= -24V, VGS= 0V, TJ=25°C
Zero Gate Voltage Drain Current
IDSS
-
-
-5
µA
VDS= -24V, VGS= 0V, TJ=55°C
-
-
21
VGS= -10V, ID= -6A
Drain-Source On-Resistance
4
RDS(ON)
-
-
32
m
VGS= -4.5V, ID= -4A
Gate Resistance
Rg
-
15
-
f=1.0MHz
Forward Transconductance
gfs
-
17
-
S
VDS= -5V, ID= -6A
Total Gate Charge
Qg
-
12.6
-
Gate-Source Charge
Qgs
-
4.8
-
Gate-Drain Charge
Qgd
-
4.8
-
nC
ID= -6A
VDS= -15V
VGS= -4.5V
Turn-On Delay Time
Td(on)
-
4.6
-
Rise Time
Tr
-
14.8
-
Turn-Off Delay Time
Td(off)
-
41
-
Fall Time
Tf
-
19.6
-
nS
VDD= -15V,
ID= -6A
VGS= -10V,
RG= 3.3
Input Capacitance
Ciss
-
1345
-
Output Capacitance
Coss
-
194
-
Reverse Transfer Capacitance
Crss
-
158
-
pF
VDS= -15V
VGS=0
f=1MHz
Source-Drain Diode
Continuous Source Current
1
IS
-
-
-8
A
Pulsed Source Current
3
ISM
-
-
-50
A
Diode Forward Voltage
4
VSD
-
-
-1.2
V
VGS=0V , IS= -1A , TJ=25
℃
Reverse Recovery Time
trr
-
16.3
-
nS
Reverse Recovery Charge
Qrr
-
5.9
-
nC
IF= -6A , dI/dt=100A/µs ,
TJ=25
℃
Notes:
1. Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2. When mounted on Min. copper pad.
3. Pulse width limited by maximum junction temperature, Pulse Width ≤300µs, Duty Cycle≤2%
4. The data tested by pulsed, pulse width ≦ 300us, duty cycle ≦ 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com