Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL911TX Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GL911TX
Description  Wireless Mouse Transmitter Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL911TX Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GL911TX Datasheet HTML 2Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 3Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 4Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 5Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 6Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 7Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 8Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 9Page - List of Unclassifed Manufacturers GL911TX Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2000-2001 Genesys Logic Inc.—All rights reserved
-6
GL911Tx 1.1
3.6 Button Switches
GL911Tx supports up to 5 buttons. But the Left button and K4 , Right button and K5 are shared with
the same pins. They are read to be left/right buttons when XYEN is high and to be K4/K5 when ZWEN
is high.
BUTR/K5
ZWEN
BUTL/K4
XYEN
BUTM
BUTL/K4
BUTR/K5
D7
1N4148
D2
1N4148
S1
SW
R8
27K
D6
1N4148
D3
1N4148
R6
27K
R7
27K
S3
SW
S5
SW
S2
SW
S4
SW
3D3B
3D5B
4D3B
4D5B
D7
D2
D3
D6
S1
S2
S3
S4
S5
NC
V
SHORT
SHORT
NC
NC
NC
V
V
V
V
V
V
V
V
V
V
V
Figure 3-3:GL911Tx Buttons circuit example
3.7 RF Interface
(a) TXEN: The TXEN is a RF transmitter enable pin (Active high). When there is a packet needs to
be transmitted the TXEN will output high to enable the transmitter. The RF module must transmit
stable Radio Frequency signal within 1ms after enable. The driving capability is 12ma.
(b) TXDATA: The TXDATA is a serial output, which is encoded with Genesys Logic’s proprietary
wireless link protocol into RF transmitter. The baud rate is 4800baud.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com