Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2867 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F2867
Description  VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2867 Datasheet(HTML) 1 Page - Unisonic Technologies

  F2867 Datasheet HTML 1Page - Unisonic Technologies F2867 Datasheet HTML 2Page - Unisonic Technologies F2867 Datasheet HTML 3Page - Unisonic Technologies F2867 Datasheet HTML 4Page - Unisonic Technologies F2867 Datasheet HTML 5Page - Unisonic Technologies F2867 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
F2867
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2019 Unisonic Technologies Co., Ltd
QW-R109-038.C
V ARI ABLE SPEED
SI N GLE-PH ASE FU LL-WAV E
PRE-DRI V ER
DESCRI PT I ON
The UTC F2867 is a single-phase bipolar variable speed driving
motor pre-driver that works with external PWM signal. A highly
efficient, highly silent and low power consumption motor driver
circuit can be achieved with a few external parts. This product is
optimal for driving large scale fan motors requiring large air flow
and large current such as servers and consumer appliances.
FEAT U RES
* Pre-driver for single-phase full-wave drive
Low-saturation drive using external PMOS-NMOS enables
high-efficiency low power-consumption drive.
* External PWM input enabling variable speed control
Separately-excited upper direct PWM (f=30kHz) control method
enabling highly silent speed control.
* Current limiting circuit incorporated
Chopper type current limit at start.
* Reactive current cut circuit incorporated
Reactive current before phase change is cut to enable silent and
low power-consumption drive.
* Minimum speed setting pin
Minimum speed can be set by set with external resistor.
* Soft start setting pin
* Lock protection and automatic reset functions incorporated
* FG (rotation speed detection) output
* Thermal shutdown circuit incorporated
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
F2867L-R16-R
F2867G-R16-R
SSOP-16
Tape Reel
F2867L-P16-R
F2867G-P16-R
TSSOP-16
Tape Reel


Similar Part No. - F2867

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2867G-P16-R UTC-F2867G-P16-R Datasheet
213Kb / 6P
Minimum speed setting pin
More results

Similar Description - F2867

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
Variable Speed Single-phase Full-wave Pre-driver
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
Variable Speed Single-phase Full-wave Pre-driver
May, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com