Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6406L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F6406L-S08-R
Description  2-PHASE DC-FAN MOTOR PRE-DRIVER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F6406L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  F6406L-S08-R Datasheet HTML 1Page - Unisonic Technologies F6406L-S08-R Datasheet HTML 2Page - Unisonic Technologies F6406L-S08-R Datasheet HTML 3Page - Unisonic Technologies F6406L-S08-R Datasheet HTML 4Page - Unisonic Technologies F6406L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
F6406/G
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R109-026.E
2 -PH ASE DC-FAN M OTOR
PRE-DRI V ER I C
DESCRI PT I ON
The UTC F6406/G is a 2-phase pre-driver IC for dc-fan motors,
providing the functions of motor lock protection, auto-restart, and
rotation detection signal output. UTC F6406 is with RD option and
UTC F6406G with FG.
FEAT U RES
* Wide supply voltage range of 2.5V to 30V
* Lock protection
* Auto-restart when the motor lock is undone
* RD(latch-type lockup detection) output (F6406)
* FG(frequency generator) output (F6406G)
SOP-8
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
F6406L-S08-R
F6406P-S08-R
SOP-8
Tape Reel
F6406LP-S08-R
F6406GP-S08-R
SOP-8
Tape Reel
F6406P-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S08: SOP-8
(3) P: Halogen Free and Lead Free, L: Lead Free
(3)Green Package
M ARK I N G
F6406P
F6406GP


Similar Part No. - F6406L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F6406L-S08-R UTC-F6406L-S08-R Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
More results

Similar Description - F6406L-S08-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
2-Phase half-wave motor pre driver for fan motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
logo
Unisonic Technologies
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
SK6406 UTC-SK6406 Datasheet
134Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
logo
Rohm
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
2-Phase Half-Wave Pre Driver for Fan Motor
logo
Unisonic Technologies
F6406 UTC-F6406 Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
2-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com