Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2967L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # F2967L-P20-R
Description  FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2967L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  F2967L-P20-R Datasheet HTML 1Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 2Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 3Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 4Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 5Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 6Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 7Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 8Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
F2967
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 9
www.unisonic.com.tw
QW-R109-036.D
ABSOLU T E M AX I M U M RAT I N G (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Supply Voltage VCC
VCC
18
V
Maximum Output Current
IOUT
50
mA
Maximum Output Withstand Voltage
VOUT
18
V
Maximum HB Output Current
HB
10
mA
Maximum VTH Input Pin Withstand Voltage
VTH
8
V
Maximum RD/FG Output Pin Output Withstand Voltage
FG
18
V
Maximum RD/FG Output Current
FG
10
mA
Allowable Power
Dissipation
Mounted on a specified board (Note 2)
PD
800
mW
Operating Temperature
TOPR
-30 ~ +95
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mounted on a specified board (114.3mm×76.1mm×1.6mm, Glass epoxy)
RECOM M EN DED OPERAT I N G RAN GE (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Supply Voltage
VCC
6 ~ 16
V
VTH Input Level Voltage Range
Full Speed Mode
VTH
0 ~ 7
V
Hall Input Common Phase Input Voltage Range
VICM
0.2 ~ 3
V
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, VCC=12V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1
During Drive
6
10
14
mA
Circuit Current
ICC2
During Lock Protection
6
10
14
mA
6VREG Voltage
6VREG
I6VREG=5mA
5.80
6.0
6.15
V
VOVER Voltage
VOVER
12.0
12.8
13.6
V
CPWM-H Voltage
VCRH
4.35
4.55
4.75
V
CPWM-L Voltage
VCRL
1.45
1.65
1.85
V
CPWM Oscillation Frequency
FPWM
C=100pF
15
kHz
CT Pin H Voltage
VCTH
3.6
V
CT Pin L Voltage
VCTL
1.9
V
ICT Pin Charge Current
ICT1
1.6
2.0
2.5
μA
ICT Pin Discharge Current
ICT2
0.16
0.20
0.28
μA
ICT Charge/Discharge Current Ratio
RCT
8
10
12
deg
OUT-N Output Voltage
VON
IO=20mA
10
V
OUT-P Sink Current
IOP
15
20
mA
Sensitivity of Hall Input
VHN
Zero Peak Value (Including
Offset and Hysteresis)
10
20
mV
RD/FG Output Pin L Voltage
VFG
IFG=5mA
0.15
0.3
V
RD/FG Output Pin Leak Current
IFGL
VFG=16V
30
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com