Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UHS41G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UHS41G-AE3-R
Description  HALL-EFFECT LATCHED SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UHS41G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UHS41G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UHS41G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UHS41G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UHS41G-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UHS41
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R118-021.c
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Storage Temperature Range
TS
-65 ~ +170
°C
OPERATING TEMPERATURE RANGE
Operating Temperature
TA
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS
(DC Operating Parameters TA= 25°C, VDD= 4.5V~24V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Operating
4.5
24
V
Supply Current
IDD
B<BRP
5
10
mA
Output Saturation Voltage
VDSon
IOUT=20mA, B>BOP
0.4
0.5
V
Output Leakage Current
IOFF
B<BRP, VOUT=24V
0.01
5
uA
Output Rise Time
tR
RL=1K
Ω, CL=20pF
0.3
1.5
us
Output Fall Time
tF
RL=1K
Ω, CL=20pF
0.3
1.5
us
M AGN ET I C SPECI FI CAT I ON S
DC Operating Parameters VDD= 4.5V~24V (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Point
BOP
5
37
70
G
Release Point
BRP
-70
-37
-5
G
Hysteresis
BHYS
TA=25°C, VDD=5V DC
75
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com