Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMD9111G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UMD9111G-S08-R
Description  BRUSH DC MOTOR DRIVE CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMD9111G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UMD9111G-S08-R Datasheet HTML 1Page - Unisonic Technologies UMD9111G-S08-R Datasheet HTML 2Page - Unisonic Technologies UMD9111G-S08-R Datasheet HTML 3Page - Unisonic Technologies UMD9111G-S08-R Datasheet HTML 4Page - Unisonic Technologies UMD9111G-S08-R Datasheet HTML 5Page - Unisonic Technologies UMD9111G-S08-R Datasheet HTML 6Page - Unisonic Technologies UMD9111G-S08-R Datasheet HTML 7Page - Unisonic Technologies UMD9111G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UMD9111
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 8
www.unisonic.com.tw
QW-R109-041.a
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, VCC=3V, VDD=6V, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
The Power Supply Parameters
VCC Standby Current
IVCCST
0
10
μA
VDD Standby Current
IVDDST
INA=INB=L, VCC=7V
VDD=10V, Output opened
0
10
μA
VCC Static Supply Current
IVCC
INA=H or INB=H: Output opened
182
μA
VDD Static Supply Current
IVDD
INA=H or INB=H; Output opened
83
μA
Input Logic Level
Input High Level
VINH
2
V
Input Low Level
VINL
0.8
V
Input Level Hysteresis
VHYS
0.2
Input High Level Current
IINH
VINH=2.5V, VCC=3V
191
μA
Input the Pull-Down Resistor
RIN
VINH=3V, VCC=3V
12
k
Ω
The Power Tube Leads to Internal Resistance
IO=±200mA, VDD=6V, TA=25°C
0.55
Ω
Output Resistance
RON
IO=±800mA, VDD=6.5V, TA=25°C
0.6
Ω
Protection Function Parameters
Protection Temperature
TSD
150
°C
TSD Hysteresis
TSDH
20
°C
Power MOSFET Body Diode Conduction Characteristics
PMOS Body Diode
VPD
I=400mA,VCC=3V,VDD=INA=INB=0V
0.79
V
NMOS Body Diode
VND
I=-400mA,VCC=VDD=3V, INA=INB=0V
0.77
V
Motor Drive Time Parameters
Output Rise Time
tr
70
ns
Output Fall Time
tf
25
ns
Output Delay Time
trf
38
ns
Output Delay Time
tfr
VCC=5V, VDD=5V, INB=H, INA input
pulse signal; The signal duty ratio is
50% and the signal frequency is
20KHz; Load motor internal
resistance is 1.3
Ω, motor idling.
85
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com