Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2640L-SM1-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UM2640L-SM1-R
Description  TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2640L-SM1-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UM2640L-SM1-R Datasheet HTML 1Page - Unisonic Technologies UM2640L-SM1-R Datasheet HTML 2Page - Unisonic Technologies UM2640L-SM1-R Datasheet HTML 3Page - Unisonic Technologies UM2640L-SM1-R Datasheet HTML 4Page - Unisonic Technologies UM2640L-SM1-R Datasheet HTML 5Page - Unisonic Technologies UM2640L-SM1-R Datasheet HTML 6Page - Unisonic Technologies UM2640L-SM1-R Datasheet HTML 7Page - Unisonic Technologies UM2640L-SM1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UM2640
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 8
www.unisonic.com.tw
QW-R109-027.D
APPLI CAT I ON I N FORM AT I ON
The UTC UM2640 is a two-phase unipolar DC brushes motor pre-driver IC that features high voltage process
technology so that the driver works up to 60V.
It is suitable for high voltage fan motor applications where 48V operation is required.
[example of application circuit]
[Design Notes]
Above application example is designed for 48V operation with motor current of 300mA. It uses the following
components:
Hall Elements: HW101A (AKD)
TR1, TR2: 2SC4027A (UTC)
1. Design of R4 and R5
B
CC
I
V
R
CE
BE
V
-
V
-
4
Where; VCC is 48V, VCE of UTC UM2640 is 1.5V, VBE of TR1 is 0.7V. IB is the base current of TR1.
The pull down resistance R5 (connected to TR1) influences turn-off time of TR1.
A typical R5 value is ranging from 1k
Ω to 10kΩ. It is highly recommended to determine the value with actual
application for better noise performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com