Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN38N100Q2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN38N100Q2
Description  N-Channel Enhancement Mode Avalanche Rated, Low Qg, Low Intrinsic Rg High dV/dt, Low trr
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN38N100Q2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN38N100Q2 Datasheet HTML 1Page - IXYS Corporation IXFN38N100Q2 Datasheet HTML 2Page - IXYS Corporation IXFN38N100Q2 Datasheet HTML 3Page - IXYS Corporation IXFN38N100Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 IXYS All rights reserved
IXFB38N100Q2
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
10
20
30
40
50
60
70
80
036
9
12151821
24
V
DS - Volts
VGS= 10V
7V
5V
6V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
5
10
15
20
25
30
35
40
04
8
12
16
20
24
V
DS - Volts
VGS= 10V
6V
5V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
5
10
15
20
25
30
35
40
024
68
10
12
V
DS - V olts
VGS= 10V
5V
6V
Fig. 4. RDS(on) Normalized to ID25 Value vs.
Junction Temperature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
I D= 38A
I D= 19A
VGS= 10V
Fig. 6. Drain Current vs. Case
Temperature
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 5. RDS(on) Normalized to ID25
Value vs. ID
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
10
203040
5060
7080
I
D - Amperes
TJ = 125ºC
TJ= 25ºC
VGS= 10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com