Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2436-1IGN Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2436-1IGN
Description  2-Channel Differential Input 16-Bit No Latency DS ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2436-1IGN Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2436-1IGN Datasheet HTML 17Page - Linear Technology LTC2436-1IGN Datasheet HTML 18Page - Linear Technology LTC2436-1IGN Datasheet HTML 19Page - Linear Technology LTC2436-1IGN Datasheet HTML 20Page - Linear Technology LTC2436-1IGN Datasheet HTML 21Page - Linear Technology LTC2436-1IGN Datasheet HTML 22Page - Linear Technology LTC2436-1IGN Datasheet HTML 23Page - Linear Technology LTC2436-1IGN Datasheet HTML 24Page - Linear Technology LTC2436-1IGN Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2436-1
21
24361f
by Figures 14 and 15. For simplicity, two distinct situa-
tions can be considered.
For relatively small values of input capacitance (CIN <
0.01
µF), the voltage on the sampling capacitor settles
almost completely and relatively large values for the
source impedance result in only small errors. Such values
for CIN will deteriorate the converter offset and gain
performance without significant benefits of signal filtering
and the user is advised to avoid them. Nevertheless, when
small values of CIN are unavoidably present as parasitics
of input multiplexers, wires, connectors or sensors, the
LTC2436-1 can maintain its accuracy while operating with
relative large values of source resistance as shown in
Figure 16. +FS Error vs RSOURCE at IN+ or IN– (Large CIN)
Figure 17. –FS Error vs RSOURCE at IN+ or IN– (Large CIN)
APPLICATIO S I FOR ATIO
RSOURCE (Ω)
0 100 200 300 400 500 600 700 800 900 1000
24361 F16
20
16
12
8
4
0
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 3.75V
IN– = 1.25V
FO = GND
TA = 25°C
CIN = 0.01µF
CIN = 0.1µF
CIN = 1µF, 10µF
RSOURCE (Ω)
0 100 200 300 400 500 600 700 800 900 1000
24361 F17
0
–4
–8
–12
–16
–20
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = 1.25V
IN– = 3.75V
FO = GND
TA = 25°C
CIN = 0.01µF
CIN = 0.1µF
CIN = 1µF, 10µF
Figure 15. –FS Error vs RSOURCE at IN
+ or IN– (Small CIN)
RSOURCE (Ω)
1
10
100
1k
10k
100k
24361 F15
0
–3
–2
–1
VCC = 5V
REF+ = 5V
REF – = GND
IN+ = GND
IN– = 2.5V
FO = GND
TA = 25°C
CIN = 0.01µF
CIN = 0.001µF
CIN = 100pF
CIN = 0pF
Figures 14 and 15. These measured results may be slightly
different from the first order approximation suggested
earlier because they include the effect of the actual second
order input network together with the nonlinear settling
process of the input amplifiers. For small CIN values, the
settling on IN+ and IN– occurs almost independently and
there is little benefit in trying to match the source imped-
ance for the two pins.
Larger values of input capacitors (CIN > 0.01µF) may be
required in certain configurations for antialiasing or gen-
eral input signal filtering. Such capacitors will average the
input sampling charge and the external source resistance
will see a quasi constant input differential impedance.
When FO = LOW (internal oscillator and 50Hz/60Hz notch),
the typical differential input resistance is 2M
Ω which will
generate a gain error of approximately 1LSB at full scale
for each 60
Ω of source resistance driving IN+ or IN–.
When FO is driven by an external oscillator with a fre-
quency fEOSC (external conversion clock operation), the
typical differential input resistance is 0.28 • 1012/fEOSCΩ
and each ohm of source resistance driving IN+ or IN– will
result in 1.11 • 10–7 • fEOSCLSB gain error at full scale. The
effect of the source resistance on the two input pins is
additive with respect to this gain error. The typical +FS and
–FS errors as a function of the sum of the source resis-
tance seen by IN+ and IN– for large values of CIN are shown
in Figures 16 and 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com