Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSPS7331P-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSPS7331P-C
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPS7331P-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSPS7331P-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPS7331P-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSPS7331P-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSPS7331P-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSPS7331P-C
-13.4 A , -30 V , RDS(ON) 13 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
13-Dec-2017 Rev. C
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
311
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
DFN3x3-8PP saves board space
Fast switching speed
High performance trench technology
APPLICATION
DC-DC converters and power management in portable
and battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless telephones.
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
DFN3x3-8PP
3K
13 inch
ORDER INFORMATION
MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
TA = 25°C
-13.4
A
Continuous Drain Current
1
TA = 70°C
ID
-10.2
A
Pulsed Drain Current
2
IDM
-50
A
Continuous Source Current (Diode Conduction)
1
IS
-4.6
A
TA = 25°C
3.5
W
Total Power Dissipation
1
TA = 70°C
PD
2
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
t≦10 sec
35
°C / W
Thermal Resistance Junction-Ambient (Max.)
1
Steady State
RθJA
81
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
Part Number
Type
SSPS7331P-C
Lead (Pb)-free and Halogen-free
DFN3x3-8PP
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.2
3.4
G
1.78
1.98
B
3
3.2
H
0.25
0.35
C
3.25
3.45
I
0.35TYP.
D
3
3.2
J
0.6TYP.
E
0.65BSC.
K
0.1
0.25
F
2.39
2.59
L
0.7
0.8
= Date code


Similar Part No. - SSPS7331P-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSPS7331P SECOS-SSPS7331P Datasheet
596Kb / 4P
-13.4 A , -30 V , RDS(ON) 13 m P-Ch Enhancement Mode Power MOSFET
SSPS7331P SECOS-SSPS7331P_15 Datasheet
574Kb / 1P
P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSPS7331P-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com