Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-57SR Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESD-R-57SR
Description  KEMET, ESD-R-SR, EMI Cores, Commercial Grade
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-57SR Datasheet(HTML) 1 Page - Kemet Corporation

  ESD-R-57SR Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: ESD-R-57SR
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
Dimensions
D
57mm MAX
D2
36mm +/-1mm
T
20mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 60
Weight: 139.5 g
General Information
Series: ESD-R-SR
Style: Round
Cable Type: Round Cable
Description: EMI Core Solid, Large-Size Ring
Type, For Round Cables
Features:
High Impedance, Effectively
Suppresses Radiation at 150
kHz, Low Frequency Noise
RoHS: Yes
Qualifications: UL94 V-2
Materials: Mn-Zn
Specifications
Temperature Range: -25/+85C
Effective Frequency: 10 MHz (AM Band Range)
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 10/24/2018 - 6687ce27-32a1-4933-8b62-c231f6e518ae


Similar Part No. - ESD-R-57SR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-R-57SR-P KEMET-ESD-R-57SR-P Datasheet
54Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
More results

Similar Description - ESD-R-57SR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-R-47SR KEMET-ESD-R-47SR Datasheet
54Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
ESD-R-47SR-P KEMET-ESD-R-47SR-P Datasheet
54Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
ESD-R-38SR KEMET-ESD-R-38SR Datasheet
55Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
ESD-R-31SR KEMET-ESD-R-31SR Datasheet
54Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
ESD-R-38M-H KEMET-ESD-R-38M-H Datasheet
57Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-19M-H KEMET-ESD-R-19M-H Datasheet
56Kb / 1P
KEMET, ESD-R-H, EMI Cores, Commercial Grade
ESD-R-47SRH KEMET-ESD-R-47SRH Datasheet
55Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
ESD-R-57SR-P KEMET-ESD-R-57SR-P Datasheet
54Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
ESD-R-512936H-NC23 KEMET-ESD-R-512936H-NC23 Datasheet
54Kb / 1P
KEMET, ESD-R-NC23, EMI Cores, Commercial Grade
ESD-R-38SR-P KEMET-ESD-R-38SR-P Datasheet
55Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com