Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG2X45G Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXG2X45G
Description  Dual Frequency Gated Oscillator 1030 / 1090 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXG2X45G Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXG2X45G Datasheet HTML 1Page - Advanced XTAL Products AXG2X45G Datasheet HTML 2Page - Advanced XTAL Products AXG2X45G Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXG2X45G Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXG2X45G
Rev.: 1
Date: 2018-11-06
Oscillator type:
Dual Frequency Gated Oscillator 1030 / 1090 MHz
Parameter
min.
typ.
max.
Unit
Condition
Nominal frequency pair (Note 3)
1030.000 / 1090.000
MHz
Switchable
Frequency stability
Initial tolerance at delivery
±1
±2
ppm
@ +25°C
vs. operating temperature range
±5
ppm
Long term (aging) per year
±2
±3
ppm
Switch function
Voltage level 1030 MHz output VSL
0
1.5
V
Voltage level 1090 MHz output VSH
2.5
4.0
V
Input resistance
10
kΩ
Switching time 1030 MHz / 1090 MHz
1
ms
Gate function
Low level input voltage VGL
0
1.5
V
High level input voltage VGH
2.5
4.0
V
Input resistance
10
kΩ
Input capacitance
5
10
pF
Turn-on time
25
35
ns
Turn-off time
25
35
ns
RF output
Signal waveform
Sine wave
Load RL
50
Ω
Output level Gate ON @ +25°C
0
+3
dBm
@ VGATE > +2.5 V
Output level difference @ +25°C
±1
dB
1030 MHz vs. 1090 MHz
Output level Gate OFF @ VGATE<+1.5 V
-60
-55
dBm
Active channel
Output level Gate OFF @ VGATE<+1.5 V
-100
dBm
Non-active channel
Harmonics
-50
-40
dBc
Sub-harmonics (N∙103/N∙109) MHz
-45
-40
dBc
Spurious
-80
dBc
Warm-up time
30
sec
∆ffinal/fnominal < ±1 ppm
Supply voltage VS
4.75
5.0
5.25
V
Current consumption
50
100
mA
Operating temperature range
-20
+70
°C
“4F”
Enclosure (see drawing) (LxWxH)
36.1x27.2x14
mm
IEC 60679-3 CO 08
Weight
30
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
For other supply voltage, output level and temperature range please consult factory
3.
Other frequency pairs on request
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Switch & Gate Voltage VSWITCH / VGATE
-0.5
4.5
V
VGATE to GND
Storage Temperature
-40
+105
°C


Similar Part No. - AXG2X45G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXG206144 PANASONIC-AXG206144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG210144 PANASONIC-AXG210144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG212144 PANASONIC-AXG212144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG212224 PANASONIC-AXG212224 Datasheet
510Kb / 13P
Automation Controls Catalog
AXG216144 PANASONIC-AXG216144 Datasheet
510Kb / 13P
Automation Controls Catalog
More results

Similar Description - AXG2X45G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced XTAL Products
AXMW1090GYT-01 AXTAL-AXMW1090GYT-01 Datasheet
130Kb / 3P
Gated 1090 MHz Microwave Oscillator
2007-12-03
AXMW1030GYT-01 AXTAL-AXMW1030GYT-01 Datasheet
130Kb / 3P
Gated 1030 MHz Microwave Oscillator
2007-12-03
logo
M/A-COM Technology Solu...
MAFR-000493-000001 MA-COM-MAFR-000493-000001 Datasheet
93Kb / 2P
Single Junction Drop-In Circulator 1030 MHz-1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS60L MICROSEMI-MDS60L Datasheet
70Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR400A MICROSEMI-TPR400A Datasheet
149Kb / 4P
400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com