Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36LLR8760M Datasheet(PDF) 13 Page - STMicroelectronics

Part # M36LLR8760M
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M36LLR8760M Datasheet HTML 9Page - STMicroelectronics M36LLR8760M Datasheet HTML 10Page - STMicroelectronics M36LLR8760M Datasheet HTML 11Page - STMicroelectronics M36LLR8760M Datasheet HTML 12Page - STMicroelectronics M36LLR8760M Datasheet HTML 13Page - STMicroelectronics M36LLR8760M Datasheet HTML 14Page - STMicroelectronics M36LLR8760M Datasheet HTML 15Page - STMicroelectronics M36LLR8760M Datasheet HTML 16Page - STMicroelectronics M36LLR8760M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
Table 6. Flash 1 DC Characteristics - Currents
Note: 1. Sampled only, not 100% tested.
2. VDDF1 Dual Operation current is the sum of read and program or erase currents.
Symbol
Parameter
Test Condition
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VDDQF
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VDDQF
±1
µA
IDD1
Supply Current
Asynchronous Read (f=5MHz)
EF1 = VIL, GF1 = VIH
13
15
mA
Supply Current
Synchronous Read (f=54MHz)
4 Word
16
18
mA
8 Word
18
20
mA
16 Word
23
25
mA
Continuous
25
27
mA
IDD2
Supply Current
(Reset)
RPF = VSS ± 0.2V
50
110
µA
IDD3
Supply Current (Standby)
EF1 = VDDF1 ± 0.2V
50
110
µA
IDD4
Supply Current (Automatic Standby)
EF1 = VIL, GF1 = VIH
50
110
µA
IDD5
(1)
Supply Current (Program)
VPPF = VPPH
820
mA
VPPF = VDDF1
10
25
mA
Supply Current (Erase)
VPPF = VPPH
820
mA
VPPF = VDDF1
10
25
mA
IDD6
(1,2)
Supply Current
(Dual Operations)
Program/Erase in one Bank,
Asynchronous Read in another
Bank
23
40
mA
Program/Erase in one Bank,
Synchronous Read (Continuous
f=54MHz) in another Bank
35
52
mA
IDD7
(1)
Supply Current Program/ Erase
Suspended (Standby)
EF1 = VDDF1 ± 0.2V
50
110
µA
IPP1
(1)
VPPF Supply Current (Program)
VPPF = VPPH
25
mA
VPPF = VDDF1
0.2
5
µA
VPPF Supply Current (Erase)
VPPF = VPPH
25
mA
VPPF = VDDF1
0.2
5
µA
IPP2
VPPF Supply Current (Read)
VPPF ≤ VDDF1
0.2
5
µA
IPP3
(1)
VPPF Supply Current (Standby)
VPPF ≤ VDDF1
0.2
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com