Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM75SL Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIOM75SL
Description  Low Phase Noise 10 MHz OCXO with Sine wave output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75SL Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIOM75SL Datasheet HTML 1Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 2Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 3Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 4Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 5Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 6Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 7Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 8Page - Advanced XTAL Products AXIOM75SL Datasheet HTML 9Page - Advanced XTAL Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM75SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
0. Contents:
1. Electrical specification
2. Mechanical specification
3. Applicable documents
4. General flow of manufacturing
5. Acceptance Testing
5.1 Screening
5.2 Group A inspection
5.3 Group B inspection
5.4 Group C inspection
5.5 Electrical measurements
6. Radiation
7. Components, Materials and Processes
8. Marking
9. Data Documentation
10. Handling, Packaging and Delivery
11. Specification History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com