Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8521 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8521 Datasheet HTML 9Page - Maxim Integrated Products MAX8521 Datasheet HTML 10Page - Maxim Integrated Products MAX8521 Datasheet HTML 11Page - Maxim Integrated Products MAX8521 Datasheet HTML 12Page - Maxim Integrated Products MAX8521 Datasheet HTML 13Page - Maxim Integrated Products MAX8521 Datasheet HTML 14Page - Maxim Integrated Products MAX8521 Datasheet HTML 15Page - Maxim Integrated Products MAX8521 Datasheet HTML 16Page - Maxim Integrated Products MAX8521 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Smallest TEC Power Drivers for
Optical Modules
______________________________________________________________________________________
13
Inductor Selection
The MAX8520/MAX8521 dual buck converters operate
in phase and in complementary mode to drive the TEC
differentially in a current-mode control scheme. At zero
TEC current, the differential voltage is zero; hence, the
outputs with respect to GND are equal to half of VDD.
As the TEC current demand increases, one output goes
up and the other goes down from the initial point of
0.5VDD by an amount equal to 0.5 ✕ VTEC (VTEC = ITEC
✕ RTEC). Therefore, the operating duty cycle of each
buck converter depends on the operating ITEC and
RTEC. Since inductor current calculations for heating
and cooling are identical, but reverse in polarity, the
calculations only need to be carried out for either one.
For a given inductor and input voltage, the maximum
inductor ripple current happens when the duty cycle is
at 50%. Therefore, the inductor should be calculated at
50% duty cycle to find the maximum ripple current. The
maximum desired ripple current of a typical standard
buck converter is in the range of 20% to 40% of the
maximum load. The higher the value of the inductor, the
lower the ripple current. However, the size is physically
larger. For the TEC driver, the thermal loop is inherently
slow, so the inductor can be larger for lower ripple
current for better noise and EMI performance. Picking
an inductor to yield ripple current of 10% to 20% of the
maximum TEC current is a good starting point.
Calculate the inductor value as follows:
where LIR is the selected inductor ripple-current ratio,
ITEC(MAX) is the maximum TEC current, and fs is the
switching frequency.
As an example, for VDD = 3.3V, LIR = 12%, and fs =
1MHz, L = 4.58µH.
Even though each inductor ripple current is at its maxi-
mum at 50% duty cycle (zero TEC current), the ripple
cancels differentially because each is equal and in
phase.
Output Filter Capacitor
Selection
Common-Mode Filter Capacitors
The common-mode filter capacitors (C2 and C7 of Figure
1) are used as filter capacitors to ground for each output.
The output ripple voltage depends on the capacitance,
the ESR of these capacitors, and the inductor ripple
current. Ceramic capacitors are recommended for their
low ESR and impedance at high frequency.
L
V
LIR
I
fs
DD
TEC MAX
=
×
()
××
025
.
()
CTLI
RSENSE
CS
REF
OS1
CCOMP
R
R
0.5X
REF
1.2X
COMP
PWM
4X
LX2
3/4 VDD
1/4 VDD
LX1
-1.2
+1.2
10X
1
gm
Figure 3. Functional Diagram of the Current-Control Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com