Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36LLR8760DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # M36LLR8760DF
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760DF Datasheet(HTML) 1 Page - STMicroelectronics

  M36LLR8760DF Datasheet HTML 1Page - STMicroelectronics M36LLR8760DF Datasheet HTML 2Page - STMicroelectronics M36LLR8760DF Datasheet HTML 3Page - STMicroelectronics M36LLR8760DF Datasheet HTML 4Page - STMicroelectronics M36LLR8760DF Datasheet HTML 5Page - STMicroelectronics M36LLR8760DF Datasheet HTML 6Page - STMicroelectronics M36LLR8760DF Datasheet HTML 7Page - STMicroelectronics M36LLR8760DF Datasheet HTML 8Page - STMicroelectronics M36LLR8760DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
TARGET SPECIFICATION
July 2005
This is preliminary information on a new product forseen to be developed. Details are subject to change without notice.
M36LLR8760T1, M36LLR8760D1
M36LLR8760M1, M36LLR8760B1
256 + 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory
64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
FEATURES SUMMARY
MULTI-CHIP PACKAGE
1 die of 256 Mbit (16Mb x16, Multiple
Bank, Multi-level, Burst) Flash Memory
1 die of 128 Mbit (8Mb x16, Multiple Bank,
Multi-Level, Burst) Flash Memory
1 die of 64 Mbit (4Mb x16) Pseudo SRAM
SUPPLY VOLTAGE
–VDDF1 = VDDF2 = VCCP = VDDQF = 1.7 to
1.95V
–VPPF = 9V for fast program (12V tolerant)
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Top Configuration (Top + Top)
M36LLR8760T1: 880Dh + 88C4h
Mixed Configuration (Bottom + Top)
M36LLR8760D1: 880Eh + 88C4h
Mixed Configuration (Top + Bottom)
M36LLR8760M1: 880Dh + 88C5h
Bottom Configuration (Bottom + Bottom)
M36LLR8760B1: 880Eh + 88C5h
PACKAGE
Compliant with Lead-Free Soldering
Processes
Lead-Free Versions
FLASH MEMORIES
SYNCHRONOUS / ASYNCHRONOUS READ
Synchronous Burst Read mode: 54MHz
Asynchronous Page Read mode
Random Access: 85ns
SYNCHRONOUS BURST READ SUSPEND
PROGRAMMING TIME
10µs typical Word program time using
Buffer Enhanced Factory Program
command
MEMORY ORGANIZATION
Multiple Bank Memory Array:
16 Mbit Banks for the 256 Mbit Memory
8 Mbit Banks for the 128 Mbit Memory
Parameter Blocks (at Top or Bottom)
Figure 1. Package
COMMON FLASH INTERFACE (CFI)
100,000 PROGRAM/ERASE CYCLES per
BLOCK
DUAL OPERATIONS
program/erase in one Bank while read in
others
No delay between read and write
operations
SECURITY
64 bit unique device number
2112 bit user programmable OTP Cells
BLOCK LOCKING
All blocks locked at power-up
Any combination of blocks can be locked
with zero latency
–WPF for Block Lock-Down
Absolute Write Protection with VPPF = VSS
PSRAM
ACCESS TIME: 70ns
ASYNCHRONOUS PAGE READ
Page Size: 16 words
Subsequent read within page: 20ns
LOW POWER FEATURES
Temperature Compensated Refresh
(TCR)
Partial Array Refresh (PAR)
Deep Power-Down (DPD) Mode
SYNCHRONOUS BURST READ/WRITE
LFBGA88 (ZAQ)
8 x 10mm
FBGA


Similar Part No. - M36LLR8760DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36LLR8760 STMICROELECTRONICS-M36LLR8760 Datasheet
406Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
04-Dec-2004
More results

Similar Description - M36LLR8760DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
04-Dec-2004
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
09-Dec-2004
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
28-Nov-2005
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
24-Jun-2005
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
20-Jul-2006
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
13-Jul-2006
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
06-Dec-2004
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com