Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC21 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCC21
Description  Thyristor Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC21 Datasheet(HTML) 1 Page - IXYS Corporation

  MCC21 Datasheet HTML 1Page - IXYS Corporation MCC21 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
Thyristor Modules
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
900
800
MCC 21-08io8 B
1300
1200
MCC 21-12io8 B
1500
1400
MCC 21-14io8 B
1700
1600
MCC 21-16io8 B
Data according to DIN/IEC 747 and refer to a single thyristor unless otherwise stated.
Symbol
Conditions
Maximum Ratings
I
TRMS
T
VJ = TVJM
33
A
I
TAVM
T
C = 85°C; 180° sine
21
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
320
A
V
R = 0
t = 8.3 ms (60 Hz), sine
350
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
280
A
V
R = 0
t = 8.3 ms (60 Hz), sine
310
A
I2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
500
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
520
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
390
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
400
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 45 A
150
A/µs
f = 50Hz, t
P = 200µs
V
D =
2/
3 VDRM
I
G = 0.45 A
non repetitive, I
T = ITAVM
500
A/µs
di
G/dt = 0.45 A/µs
(dv/dt)
cr
T
VJ = TVJM;
V
DR =
2/
3 VDRM
1000
V/µs
R
GK =
¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30 µs
10
W
I
T = ITAVM
t
P = 300 µs
5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL
£ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Terminal connection torque (M5)
2.5-4.0/22-35 Nm/lb.in.
Weight
Typical including screws
90
g
Features
• International standard package,
JEDEC TO-240 AA
• Direct copper bonded Al
2O3 -ceramic
base plate
• Planar passivated chips
• Isolation voltage 3600 V~
• UL registered, E 72873
• Gate-cathode twin pins for version 1B
Applications
• DC motor control
• Softstart AC motor controller
• Light, heat and temperature control
Advantages
• Space and weight savings
• Simple mounting with two screws
• Improved temperature and power
cycling
• Reduced protection circuits
6
7
4
5
3
2
1
TO-240 AA
3
6
1
5
2
MCC 21


Similar Part No. - MCC21

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC21-08IO8B IXYS-MCC21-08IO8B Datasheet
266Kb / 5P
Thyristor Module
MCC21-12IO8B IXYS-MCC21-12IO8B Datasheet
266Kb / 5P
Thyristor Module
MCC21-14IO8B IXYS-MCC21-14IO8B Datasheet
266Kb / 5P
Thyristor Module
MCC21-16IO8B IXYS-MCC21-16IO8B Datasheet
266Kb / 5P
Phase leg
More results

Similar Description - MCC21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC95 IXYS-MCC95 Datasheet
185Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com