Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663239 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1663239
Description  Crimp contact - CK4,0-ED-1,50ST AG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663239 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1663239 Datasheet HTML 1Page - PHOENIX CONTACT 1663239 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1663239
12/24/2018   Page 1 / 2
Crimp contact - CK4,0-ED-1,50ST AG - 1663239
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Turned 4.0 crimp contact, individual male contact, core diameter 1.5 mm², silver-plated
Key Commercial Data
Packing unit
100 pc
GTIN
GTIN
4017918123048
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 125 °C
Mechanical characteristics
Conductor cross section
1.5 mm² ... 1.5 mm²
Connection cross section AWG
16
Stripping length of the individual wire
9 mm
Contact diameter
4 mm
Insertion/withdrawal cycles
≥ 500
General
Note
For HC-M-3 modules
Type
Individual male contact
Series
HC-M-03
Connection method
Crimp connection
Contact type
turned
Material data
Contact material
Copper alloy
Contact surface material
silver-plated


Similar Part No. - 1663239

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1663205 TURCK-1663205 Datasheet
226Kb / 2P
Inductive Sensor – With Extended Switching Distance
11/07/2023
logo
PHOENIX CONTACT
1663213 PHOENIX-1663213 Datasheet
123Kb / 3P
HC-M-03-MOD-ST
logo
Turck, Inc.
1663220 TURCK-1663220 Datasheet
255Kb / 2P
Inductive Sensor – With Extended Switching Distance
11/07/2023
logo
PHOENIX CONTACT
1663226 PHOENIX-1663226 Datasheet
114Kb / 3P
HC-M-03-MOD-BU
1663242 PHOENIX-1663242 Datasheet
60Kb / 2P
Crimp contact - CK4,0-ED-2,50ST AG
More results

Similar Description - 1663239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1586183 PHOENIX-1586183 Datasheet
57Kb / 2P
Crimp contact - CK4,0-ED-10,00BU AG
1586198 PHOENIX-1586198 Datasheet
58Kb / 2P
Crimp contact - CK4,0-ED-10,00ST AG
1663242 PHOENIX-1663242 Datasheet
60Kb / 2P
Crimp contact - CK4,0-ED-2,50ST AG
1663255 PHOENIX-1663255 Datasheet
53Kb / 3P
Crimp contact - CK4,0-ED-4,00ST AG
1663271 PHOENIX-1663271 Datasheet
52Kb / 2P
Crimp contact - CK4,0-ED-1,50BU AG
1663297 PHOENIX-1663297 Datasheet
99Kb / 4P
CK4,0-ED-4,00BU AG
1663378 PHOENIX-1663378 Datasheet
98Kb / 4P
CK1,6-ED-1,50ST AG
1663608 PHOENIX-1663608 Datasheet
100Kb / 4P
CK2,5-ED-1,50ST AG
1663860 PHOENIX-1663860 Datasheet
54Kb / 3P
Crimp contact - CK2,5-ED-1,50ST-S AG
1674778 PHOENIX-1674778 Datasheet
52Kb / 3P
Crimp contact - CK2,5-ED-1,50ST AU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com