Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4223D Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4223D
Description  75 VOLT 6 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4223D Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4223D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4223D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4223D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4223D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4223D Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
75V
16V
6A
9A
GND-2V min. To V+ max.
4.6°C/W
OUTPUT CHARACTERISTICS
VDS(ON) Voltage
Instantaneous Forward Voltage
Reverse Recovery Time
Leakage Current
PWM Frequency
Vcc SUPPLY CHARACTERISTICS
Quiescent Bias Current
Vcc Voltage Range
INPUT SIGNAL CHARACTERISTICS
Analog Input Voltage
Analog Input Voltage
Analog Input Voltage
LOGIC CONTROL INPUTS
SWITCHING CHARACTERISTICS
Rise-Time
Fall-Time
Dead-Time
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Output Voltage Range
Thermal Resistance
(Output Switches)
ABSOLUTE MAXIMUM RATINGS
V+
VCC
IOUT
IPK
VOUT
θJC
-65°C to +150°C
300°C
-40°C to +125°C
+150°C
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4223
Junction Temperature
TST
TLD
TC
TJ
1
2
NOTES:
Disable Input
HEN Input
Each MOSFET ID=6A
Each MOSFET IS=6A Intrinsic Diode
Intrinsic Diode
Each MOSFET V+=70V
Analog Input=6VDC RL=
∞
Output A,B=50% Duty Cycle
Output A=100% Duty Cycle High
Output B=100% Duty Cycle High
Input Voltage LO
Input Voltage HI
Input Current (DISABLE=0V)
Input Voltage LO
Input Voltage HI
Input Current (HEN=0V)
RL=100Ω
V+=75V
V+=75V
Parameter
ELECTRICAL SPECIFICATIONS
Units
V
V
nS
uA
KHz
mA
V
V
V
V
V
V
uA
V
V
uA
nS
nS
nS
All Ratings: Tc= +25°C Unless Otherwise Specified
1
1
1
1
Max.
1.5
1.8
260
25
275
60
16
6.5
3.5
9.5
0.8
-
-135
0.8
-
-270
84
50
-
MSK 4223
Typ.
0.75
1.1
-
1.0
250
46
12
6
3
9
-
-
-
-
-
-
56
33
100
Min.
-
-
-
-
225
-
9
5.5
2.5
8.5
-
2.7
-
-
2.7
-
-
-
-
Test Conditions 2
1
2
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Vcc=+12V, V+=28V, RL=1K AOUT to BOUT, unless otherwise specified.
PRELIMINARY Rev. F 10/00
1
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com