Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2305 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PAM2305
Description  1A STEP-DOWN DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2305 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PAM2305 Datasheet HTML 9Page - Diodes Incorporated PAM2305 Datasheet HTML 10Page - Diodes Incorporated PAM2305 Datasheet HTML 11Page - Diodes Incorporated PAM2305 Datasheet HTML 12Page - Diodes Incorporated PAM2305 Datasheet HTML 13Page - Diodes Incorporated PAM2305 Datasheet HTML 14Page - Diodes Incorporated PAM2305 Datasheet HTML 15Page - Diodes Incorporated PAM2305 Datasheet HTML 16Page - Diodes Incorporated PAM2305 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PAM2305
Document number: DSxxxxx Rev. 2 - 6
13 of 17
www.diodes.com
January 2013
© Diodes Incorporated
PAM2305
A Product Line of
Diodes Incorporated
Ordering Information
Part Number
Output Voltage
Part Marking
Package Type
Standard Package
PAM2305AAB330
3.3V
BEKYW
TSOT25
3000 Units/Tape&Reel
PAM2305AAB280
2.8V
BEHYW
TSOT25
3000 Units/Tape&Reel
PAM2305AAB250
2.5V
BEGYW
TSOT25
3000 Units/Tape&Reel
PAM2305AAB180
1.8V
BEEYW
TSOT25
3000 Units/Tape&Reel
PAM2305AAB150
1.5V
BECYW
TSOT25
3000 Units/Tape&Reel
PAM2305AAB120
1.2V
BEBYW
TSOT25
3000 Units/Tape&Reel
PAM2305AABADJ
ADJ
BEAYW
TSOT25
3000 Units/Tape&Reel
PAM2305BJE330
3.3V
P2305K
QFN3x3
3000 Units/Tape&Reel
PAM2305BJE280
2.8V
P2305H
QFN3x3
3000 Units/Tape&Reel
PAM2305BJE250
2.5V
P2305G
QFN3x3
3000 Units/Tape&Reel
PAM2305BJE180
1.8V
P2305E
QFN3x3
3000 Units/Tape&Reel
PAM2305BJE150
1.5V
P2305C
QFN3x3
3000 Units/Tape&Reel
PAM2305BJE120
1.2V
P2305B
QFN3x3
3000 Units/Tape&Reel
PAM2305BJEADJ
ADJ
P2305A
QFN3x3
3000 Units/Tape&Reel
PAM2305CGF330
3.3V
BEKYW
DFN2x2-6
3000 Units/Tape&Reel
PAM2305CGF280
2.8V
BEHYW
DFN2x2
3000 Units/Tape&Reel
PAM2305CGF250
2.5V
BEGYW
DFN2x2
3000 Units/Tape&Reel
PAM2305CGF180
1.8V
BEEYW
DFN2x2
3000 Units/Tape&Reel
PAM2305CGF150
1.5V
BECYW
DFN2x2
3000 Units/Tape&Reel
PAM2305CGF120
1.2V
BEBYW
DFN2x2
3000 Units/Tape&Reel
PAM2305CGFADJ
ADJ
BEAYW
DFN2x2
3000 Units/Tape&Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com