Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2307 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PAM2307
Description  3A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2307 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PAM2307 Datasheet HTML 6Page - Diodes Incorporated PAM2307 Datasheet HTML 7Page - Diodes Incorporated PAM2307 Datasheet HTML 8Page - Diodes Incorporated PAM2307 Datasheet HTML 9Page - Diodes Incorporated PAM2307 Datasheet HTML 10Page - Diodes Incorporated PAM2307 Datasheet HTML 11Page - Diodes Incorporated PAM2307 Datasheet HTML 12Page - Diodes Incorporated PAM2307 Datasheet HTML 13Page - Diodes Incorporated PAM2307 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PAM2307
Document number: DSxxxxx Rev. 2 - 1
10 of 14
www.diodes.com
September 2012
© Diodes Incorporated
PAM2307
A Product Line of
Diodes Incorporated
Application Information (cont.)
For the condition where the step-down converter is in dropout at 100% duty cycle, the total device dissipation reduces to:
V
I
R
I
P
IN
Q
H
)
ON
(
DS
2
O
D
+
=
Since RDS(ON), quiescent current, and switching losses all vary with input voltage, the total losses should be investigated over the complete input
voltage range. The maximum power dissipation depends on the thermal resistance of IC package, PCB layout, the rate of surrounding airflow
and temperature difference between junction and ambient. The maximum power dissipation can be calculated by the following formula:
θ
−
=
JA
A
)
MAX
(
J
D
T
T
P
Where TJ(max) is the maximum allowable junction temperature +125°C. TA is the ambient temperature and θJA is the thermal resistance from the
junction to the ambient. Based on the standard JEDEC for a two layers thermal test board, the thermal resistance θJA of QFN3x3 68°C/W and
SOP-8(EP) 90°C/W respectively. The maximum power dissipation at TA = +25°C can be calculated by following formula:
P = (125°C - 25°C) /68°C/W = 1.47W (QFN3X3)
P = (125°C - 25°C) /90°C/W = 1.11W (SOP-8)
Setting the Output Voltage
The internal reference is 0.6V (Typical). The output voltage is calculated as below:
The output voltage is given by Table 1.
⎟
⎠
⎞
⎜
⎝
⎛ +
=
2
R
1
R
1
x
6
.
0
VO
Table 1: Resistor selection for output voltage setting.
VO
R1
R2
1.2V
100k
100k
1.5V
150k
100k
1.8V
200k
100k
2.5V
380k
120k
3.3V
540k
120k
100% Duty Cycle Operation
As the input voltage approaches the output voltage, the converter turns the P-Channel transistor continuously on. In this mode the output voltage
is equal to the input voltage minus the voltage drop across the P-Channel transistor:
()
R
R
I
V
V
L
DSON
LOAD
IN
OUT
+
−
=
where RDS(ON) = P-Channel switch ON resistance, ILOAD = Output Current, RL = Inductor DC Resistance
UVLO and Soft-Start
The reference and the circuit remain reset until the VIN crosses its UVLO threshold.
The PAM2307 has an internal soft-start circuit that limits the in-rush current during start-up. This prevents possible voltage drops of the input
voltage and eliminates the output voltage overshoot. The soft-start acts as a digital circuit to increase the switch current in several steps to the
P-Channel current limit (1500mA).
Short Circuit Protection
The switch peak current is limited cycle-by-cycle to a typical value of 1500mA. In the event of an output voltage short circuit, the device operates
with a frequency of 400kHz and minimum duty cycle, therefore the average input current is typically 200mA.
Thermal Shutdown
When the die temperature exceeds +150°C, a reset occurs and the reset remains until the temperature decrease to +120°C, at which time the
circuit can be restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com