Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2310BECADJR Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM2310BECADJR
Description  2A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2310BECADJR Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM2310BECADJR Datasheet HTML 3Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 4Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 5Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 6Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 7Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 8Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 9Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 10Page - Diodes Incorporated PAM2310BECADJR Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PAM2310
Document number: DS36397 Rev. 2 - 2
8 of 11
www.diodes.com
February 2018
© Diodes Incorporated
PAM2310
Application Information (Cont.)
For the condition where the step-down converter is in dropout at 100% duty cycle, the total device dissipation reduces to:
V
I
R
I
P
IN
Q
H
)
ON
(
DS
2
O
D
Since RDS(ON), quiescent current, and switching losses all vary with input voltage, the total losses should be investigated over the complete input
voltage range. The maximum power dissipation depends on the thermal resistance of IC package, PCB layout, the rate of surrounding airflow
and temperature difference between junction and ambient. The maximum power dissipation can be calculated by the following formula:
JA
A
)
MAX
(
J
D
T
T
P
Where TJ(MAX) is the maximum allowable junction temperature +125°C. TA is the ambient temperature and θJA is the thermal resistance from the
junction to the ambient. Based on the standard JEDEC for a two layers thermal test board, t
he thermal resistance θJA of SO-8EP is 90°C/W. The
maximum power dissipation at TA = +25°C can be calculated by following formula:
PD = (125°C - 25°C) /90°C/W = 1.11W
Setting the Output Voltage
The internal reference is 0.6V (Typical). The output voltage is calculated as below:
The output voltage is given by Table 1.
 
2
R
1
R
1
x
6
.
0
VO
Table 1: Resistor selection for output voltage setting.
VO
R1
R2
1.2V
150k
150k
1.5V
225k
150k
1.8V
300k
150k
2.5V
475k
150k
3.3V
680k
150k
100% Duty Cycle Operation
As the input voltage approaches the output voltage, the converter turns the P-Channel transistor continuously on. In this mode the output voltage
is equal to the input voltage minus the voltage drop across the P-Channel transistor:
R
R
I
V
V
L
DSON
LOAD
IN
OUT
where RDS(ON) = P-Channel switch ON resistance, ILOAD = Output Current, RL = Inductor DC Resistance
UVLO and Soft-Start
The reference and the circuit remain reset until the VIN crosses its UVLO threshold.
The PAM2310 has an internal soft-start circuit that limits the in-rush current during start-up. This prevents possible voltage drops of the input
voltage and eliminates the output voltage overshoot. The soft-start acts as a digital circuit to increase the switch current in several steps to the
P-Channel current limit (3000mA).
Short Circuit Protection
The switch peak current is limited cycle-by-cycle to a typical value of 3000mA. In the event of an output voltage short circuit, the device operates
with a frequency of 500kHz and minimum duty cycle, therefore the average input current is typically 500mA.
Thermal Shutdown
When the die temperature exceeds +150°C, a reset occurs and the reset remains until the temperature decrease to +120°C, at which time the
circuit can be restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com