Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663446 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1663446
Description  CK1,6-ED-2,50BU AG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663446 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1663446 Datasheet HTML 1Page - PHOENIX CONTACT 1663446 Datasheet HTML 2Page - PHOENIX CONTACT 1663446 Datasheet HTML 3Page - PHOENIX CONTACT 1663446 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 2, 2011
Extract from the online
catalog
 
CK1,6-ED-2,50BU AG
Order No.: 1663446
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1663446
 
 
Turned 1.6 crimp contact, individual female contact, core diameter 2.5
mm², silver-plated
 
Commercial data
GTIN (EAN)
4
017918
123253
sales group
D090
Pack
100 pcs.
Customs tariff
85366990
Catalog page information
Page 528 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Electrical characteristics
Note
For HC-M-12, HC-M-EMC, HC-D, HC-DD and VC-D contact
inserts, the quality of a crimp connection is determined by DIN EN
60 352-2
Ambient temperature (operation)
-40 °C ... 125 °C


Similar Part No. - 1663446

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1663404 PHOENIX-1663404 Datasheet
100Kb / 4P
CK1,6-ED-0,50BU AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
CK1,6-ED-0,75BU AG
1663420 PHOENIX-1663420 Datasheet
100Kb / 4P
CK1,6-ED-1,00BU AG
1663433 PHOENIX-1663433 Datasheet
100Kb / 4P
CK1,6-ED-1,50BU AG
1663459 PHOENIX-1663459 Datasheet
135Kb / 4P
HC-M-06-MOD-ST
More results

Similar Description - 1663446

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1663284 PHOENIX-1663284 Datasheet
113Kb / 4P
CK4,0-ED-2,50BU AG
1663336 PHOENIX-1663336 Datasheet
98Kb / 4P
CK1,6-ED-0,37ST AG
1663349 PHOENIX-1663349 Datasheet
98Kb / 4P
CK1,6-ED-0,50ST AG
1663378 PHOENIX-1663378 Datasheet
98Kb / 4P
CK1,6-ED-1,50ST AG
1663394 PHOENIX-1663394 Datasheet
100Kb / 4P
CK1,6-ED-0,37BU AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
CK1,6-ED-0,75BU AG
1663420 PHOENIX-1663420 Datasheet
100Kb / 4P
CK1,6-ED-1,00BU AG
1663433 PHOENIX-1663433 Datasheet
100Kb / 4P
CK1,6-ED-1,50BU AG
1663682 PHOENIX-1663682 Datasheet
104Kb / 4P
CK2,5-ED-2,50BU AG
1674985 PHOENIX-1674985 Datasheet
52Kb / 3P
Crimp contact - CK1,6-ED-2,50BU AU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com