Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663459 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1663459
Description  HC-M-06-MOD-ST
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663459 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1663459 Datasheet HTML 1Page - PHOENIX CONTACT 1663459 Datasheet HTML 2Page - PHOENIX CONTACT 1663459 Datasheet HTML 3Page - PHOENIX CONTACT 1663459 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Jan 27, 2011
Extract from the online
catalog
 
HC-M-06-MOD-ST
Order No.: 1663459
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1663459
 
 
HEAVYCON contact insert module, male, 6-pos., crimp connection
 
Commercial data
GTIN (EAN)
4
017918
123260
sales group
D042
Pack
2 pcs.
Customs tariff
85369010
Catalog page information
Page 456 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
12/01/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Electrical characteristics
Note
For housing HC-B6 to B48, for housing HC-ADVANCE-B6 to B24,
hinged retaining frame HC-M-MHR... necessary, crimp contacts
CK2,5-ED... (crimp contacts not in scope of supply)
Rated voltage (III/3)
500 V
Rated current
16 A
Rated surge voltage
6 kV
Ambient temperature (operation)
-40 °C ... 125 °C
Number of positions
6


Similar Part No. - 1663459

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1663404 PHOENIX-1663404 Datasheet
100Kb / 4P
CK1,6-ED-0,50BU AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
CK1,6-ED-0,75BU AG
1663420 PHOENIX-1663420 Datasheet
100Kb / 4P
CK1,6-ED-1,00BU AG
1663433 PHOENIX-1663433 Datasheet
100Kb / 4P
CK1,6-ED-1,50BU AG
1663446 PHOENIX-1663446 Datasheet
100Kb / 4P
CK1,6-ED-2,50BU AG
More results

Similar Description - 1663459

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1604998 PHOENIX-1604998 Datasheet
121Kb / 4P
HC-M-HV-MOD-ST
1605000 PHOENIX-1605000 Datasheet
141Kb / 5P
HC-M-HS-MOD-ST
1605002 PHOENIX-1605002 Datasheet
126Kb / 5P
HC-M-08-MOD-ST
1605004 PHOENIX-1605004 Datasheet
123Kb / 5P
HC-M-25-MOD-ST
1636473 PHOENIX-1636473 Datasheet
123Kb / 4P
HC-M-17-MOD-ST
1663213 PHOENIX-1663213 Datasheet
123Kb / 3P
HC-M-03-MOD-ST
1663310 PHOENIX-1663310 Datasheet
136Kb / 5P
HC-M-12-MOD-ST
1663462 PHOENIX-1663462 Datasheet
138Kb / 5P
HC-M-06-MOD-BU
1679346 PHOENIX-1679346 Datasheet
149Kb / 5P
HC-M-02-MOD-ST
1678567 PHOENIX-1678567 Datasheet
119Kb / 3P
HC-M-EMV-MOD-ST
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com